Electronic Components Datasheet Search
  English  ▼

X  

1239712 Datasheet (PDF) - PHOENIX CONTACT

1239712 Datasheet PDF - PHOENIX CONTACT
Part # 1239712
Download  1239712 Download
File Size   440.27 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-MCI-M12MS-5CON/0,5X - Contact carrier

1239712 Datasheet (PDF)

Go To PDF Page Download Datasheet
1239712 Datasheet PDF - PHOENIX CONTACT

Part # 1239712
Download  1239712 Click to download

File Size   440.27 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-MCI-M12MS-5CON/0,5X - Contact carrier

1239712 Datasheet (HTML) - PHOENIX CONTACT


1239712 Product details

Contact carrier, Universal, 5-position, Pin, straight, M12, coding: A, Front mounting, Square
flange, Individual wires, cable length: 0.5 m, 0.34 mm2, TPE litz wire, Item is lead-free in
accordance with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• Convenient field assembly: device connectors for fast on-site mounting
• Contact carriers that are designed for assembly or available with preassembled litz wires
• Customer-specific assemblies and litz wire lengths available
• Standard pin assignments for signal and power transmission with a uniform design-in design




Similar Part No. - 1239712

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1239710 PHOENIX-1239710 Datasheet
400Kb / 8P
SACC-MCI-M12MSB-5CON/0,5X - Contact carrier
1239711 PHOENIX-1239711 Datasheet
439Kb / 9P
SACC-MCI-M12MS-4CON/0,5X - Contact carrier
1239713 PHOENIX-1239713 Datasheet
367Kb / 8P
SACC-MCI-M12MSD-4CON/0,5X - Contact carrier
1239714 PHOENIX-1239714 Datasheet
403Kb / 11P
SACC-SQ-M12MSD-4CON-25F/0,5X - Device connector front mounting
1239715 PHOENIX-1239715 Datasheet
426Kb / 12P
SACC-SQ-M12FSD-4CON-25F/0,5X - Device connector front mounting
More results


Similar Description - 1239712

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1440928 PHOENIX-1440928 Datasheet
367Kb / 9P
SACC-MCI-M12MS-8CON - Contact carrier
1419988 PHOENIX-1419988 Datasheet
490Kb / 10P
SACC-MCI-M12MS-5CON - Contact carrier
1424130 PHOENIX-1424130 Datasheet
315Kb / 8P
SACC-MCI-MST-4CON/0,5 SCO - Contact carrier
1424194 PHOENIX-1424194 Datasheet
670Kb / 15P
SACC-CI-M12MS-12CON-L90 - Contact carrier
1440931 PHOENIX-1440931 Datasheet
491Kb / 10P
SACC-MCI-M12MS-4CON - Contact carrier
1457526 PHOENIX-1457526 Datasheet
705Kb / 15P
SACC-CI-M12MS- 5CON-TOR 32 - Contact carrier
1551477 PHOENIX-1551477 Datasheet
1Mb / 17P
SACC-CI-M12FSB-5CON-L180 - Contact carrier
1457827 PHOENIX-1457827 Datasheet
501Kb / 10P
SACC-MCI-M12MS-8CON/0,5 - Contact carrier
1440818 PHOENIX-1440818 Datasheet
536Kb / 11P
SACC-MCI-M12MS-5CON/0,5 - Contact carrier
1440805 PHOENIX-1440805 Datasheet
538Kb / 11P
SACC-MCI-M12MS-4CON/0,5 - Contact carrier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com