Electronic Components Datasheet Search
  English  ▼

X  

1405809 Datasheet (PDF) - PHOENIX CONTACT

1405809 Datasheet PDF - PHOENIX CONTACT
Part # 1405809
Download  1405809 Download
File Size   642.53 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MR-M8FR SH BK/.../. - Sensor/actuator cable

1405809 Datasheet (PDF)

Go To PDF Page Download Datasheet
1405809 Datasheet PDF - PHOENIX CONTACT

Part # 1405809
Download  1405809 Click to download

File Size   642.53 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MR-M8FR SH BK/.../. - Sensor/actuator cable

1405809 Datasheet (HTML) - PHOENIX CONTACT


1405809 Product details

Sensor/actuator cable, 4-position, shielded, Plug angled M12, coding: A, on Socket angled M8,
cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save time, thanks to installation with SPEEDCON fast locking system
• Flexible solutions - configurable materials with variable cable types and cable lengths
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1405809

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1405800 PHOENIX-1405800 Datasheet
637Kb / 20P
SAC-4P-M12MS-M8FS SH BK/.../. - Sensor/actuator cable
1405805 PHOENIX-1405805 Datasheet
675Kb / 20P
SAC-4P-M12MS-M8FR SH BK/.../. - Sensor/actuator cable
1405806 PHOENIX-1405806 Datasheet
642Kb / 20P
SAC-4P-M12MR-M8FS SH BK/.../. - Sensor/actuator cable
More results


Similar Description - 1405809

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1095887 PHOENIX-1095887 Datasheet
478Kb / 7P
Sensor/actuator cable - SAC-4P-M12MR/ 2,0-680 FDN
01/13/2022
1404007 PHOENIX-1404007 Datasheet
116Kb / 9P
Sensor/actuator cable - SAC-4P-M12MR/3,0-600 FB
09/11/2020
1406186 PHOENIX-1406186 Datasheet
136Kb / 9P
Sensor/actuator cable - SAC-4P-MR/ 2,0-542 SH SCO BK
09/11/2020
1457144 PHOENIX-1457144 Datasheet
123Kb / 10P
Sensor/actuator cable - SAC-4P-M12MR/ 5,0-800
09/11/2020
1522833 PHOENIX-1522833 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P-M12MR/ 5,0-PUR SH
09/11/2020
1476843 PHOENIX-1476843 Datasheet
313Kb / 7P
SAC-4P- 3,0-PUR/P12FS SH - Sensor/actuator cable
1476844 PHOENIX-1476844 Datasheet
313Kb / 7P
SAC-4P- 1,5-PUR/P12FS SH - Sensor/actuator cable
1476850 PHOENIX-1476850 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
1476855 PHOENIX-1476855 Datasheet
318Kb / 7P
SAC-4P-P12MS/ 1,5-PUR SH - Sensor/actuator cable
1476841 PHOENIX-1476841 Datasheet
313Kb / 7P
SAC-4P-10,0-PUR/P12FS SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com