Electronic Components Datasheet Search
  English  ▼

X  

1405800 Datasheet (PDF) - PHOENIX CONTACT

1405800 Datasheet PDF - PHOENIX CONTACT
Part # 1405800
Download  1405800 Download
File Size   637.51 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MS-M8FS SH BK/.../. - Sensor/actuator cable

1405800 Datasheet (PDF)

Go To PDF Page Download Datasheet
1405800 Datasheet PDF - PHOENIX CONTACT

Part # 1405800
Download  1405800 Click to download

File Size   637.51 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MS-M8FS SH BK/.../. - Sensor/actuator cable

1405800 Datasheet (HTML) - PHOENIX CONTACT


1405800 Product details

Sensor/actuator cable, 4-position, Plug straight M12, coding: A, on Socket straight M8, coding:
A, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save time, thanks to installation with SPEEDCON fast locking system
• Flexible solutions - configurable materials with variable cable types and cable lengths
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1405800

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1405805 PHOENIX-1405805 Datasheet
675Kb / 20P
SAC-4P-M12MS-M8FR SH BK/.../. - Sensor/actuator cable
1405806 PHOENIX-1405806 Datasheet
642Kb / 20P
SAC-4P-M12MR-M8FS SH BK/.../. - Sensor/actuator cable
1405809 PHOENIX-1405809 Datasheet
642Kb / 20P
SAC-4P-M12MR-M8FR SH BK/.../. - Sensor/actuator cable
More results


Similar Description - 1405800

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403993 PHOENIX-1403993 Datasheet
139Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/3,0-600/FS SH HD
09/12/2020
1406186 PHOENIX-1406186 Datasheet
136Kb / 9P
Sensor/actuator cable - SAC-4P-MR/ 2,0-542 SH SCO BK
09/11/2020
1415588 PHOENIX-1415588 Datasheet
143Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/ 3,0-PVC
09/11/2020
1415589 PHOENIX-1415589 Datasheet
143Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-PVC
09/11/2020
1415585 PHOENIX-1415585 Datasheet
143Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/ 1,5-PVC
09/11/2020
1454134 PHOENIX-1454134 Datasheet
121Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-28X SH OD
09/11/2020
1509461 PHOENIX-1509461 Datasheet
109Kb / 8P
Sensor/actuator cable - SAC-4P-M12MS/10,0-186
09/11/2020
1519286 PHOENIX-1519286 Datasheet
104Kb / 4P
Sensor/actuator cable - SAC-4P-M12MS/15,0-PUR SH
12/06/2018
1522778 PHOENIX-1522778 Datasheet
162Kb / 11P
Sensor/actuator cable - SAC-8P-M12MS/ 1,5-PUR SH
09/11/2020
1150038 PHOENIX-1150038 Datasheet
560Kb / 13P
SAC-4P-M12MS/ 2,0-542/M12FS BK - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com