Electronic Components Datasheet Search
  English  ▼

X  

XL9711 Datasheet (PDF) - XLSEMI

XL9711 Datasheet PDF - XLSEMI
Part # XL9711
Download  XL9711 Download
File Size   764.91 Kbytes
Page   12 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 0.6A 120KHz 80V Synchronous Buck DC to DC Converter

XL9711 Datasheet (PDF)

Go To PDF Page Download Datasheet
XL9711 Datasheet PDF - XLSEMI

Part # XL9711
Download  XL9711 Click to download

File Size   764.91 Kbytes
Page   12 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 0.6A 120KHz 80V Synchronous Buck DC to DC Converter

XL9711 Datasheet (HTML) - XLSEMI


XL9711 Product details

Features
 Operation Voltage:5V~72V
 Minimum Drop Out:1.5V
 Feedback Voltage Accuracy ±2%
 Fixed 120KHz Switching Frequency
 0.6A Constant Output Current Capability
 Internal Optimize Power MOSFET
 High efficiency up to 93%
 Max. Output power up to 5W
 Excellent line and load regulation
 Built in thermal shutdown function
 Built in current limit protection function
 Built in output short protection function
 Device HBM ESD Classification Level
Class3B
 Available in SOP8 package

General Description
The XL9711 is a 120KHz fixed frequency
PWM synchronous buck DC/DC converter,
capable of driving a 0.6A load with high
voltage, high efficiency, low ripple and
excellent line and load regulation. XL9711
supports wide input operating voltage range
of 5V~72V and a maximum duty cycle of 90%
output. A built-in loop compensation module
reduces components in the system, lowering
power system cost and reducing printed
circuit board space.
The XL9711 has built-in thermal shutdown,
current limit protection and output short
protection function and so on. When the
output short protection function happens, the
operation frequency will be reduced about
from 120KHz to 30KHz.

Applications
 Automotive Electronics
 Industrial Control
 Networking Equipment
 Internet of Things




Similar Part No. - XL9711

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL9004 XLSEMI-XL9004 Datasheet
758Kb / 13P
2.0A 200KHz 50V Synchronous Buck DC to DC Converter With CV/CC Loop
Rev 1.1
XL9004E1 XLSEMI-XL9004E1 Datasheet
758Kb / 13P
2.0A 200KHz 50V Synchronous Buck DC to DC Converter With CV/CC Loop
Rev 1.1
logo
List of Unclassifed Man...
XL9020 ETC-XL9020 Datasheet
156Kb / 12P
2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
XL9020F ETC-XL9020F Datasheet
156Kb / 12P
2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
XL9020P ETC-XL9020P Datasheet
156Kb / 12P
2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
More results


Similar Description - XL9711

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL7005A ETC2-XL7005A Datasheet
300Kb / 10P
0.4A 150KHz 80V Buck DC to DC Converter
XL7015 ETC2-XL7015 Datasheet
528Kb / 10P
0.8A 150KHz 80V Buck DC to DC Converter
logo
ACE Technology Co., LTD...
ACE752D ACE-ACE752D Datasheet
332Kb / 9P
120KHz 3.5A Buck DC-DC Converter
VER 1.1
logo
XLSEMI
XL7045 XLSEMI-XL7045 Datasheet
255Kb / 10P
0.3A 100KHz 80V Buck DC to DC Converter
XL7005A XLSEMI-XL7005A Datasheet
336Kb / 10P
0.4A 150KHz 80V Buck DC to DC Converter
XL7015 XLSEMI-XL7015 Datasheet
337Kb / 10P
0.8A 150KHz 80V Buck DC to DC Converter
XL7025 XLSEMI-XL7025 Datasheet
262Kb / 10P
0.6A 150KHz 80V Buck DC to DC Converter
XL7026 XLSEMI-XL7026 Datasheet
206Kb / 10P
0.6A 150KHz 100V Buck DC to DC Converter
XL7035 XLSEMI-XL7035 Datasheet
176Kb / 10P
1A 150KHz 80V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3116 HMSEMI-HM3116 Datasheet
555Kb / 9P
0.6A 150KHz 80V step-down DC-DC converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com