Electronic Components Datasheet Search
  English  ▼

X  

TPM2003 Datasheet (PDF) - 3PEAK INC.

TPM2003 Datasheet PDF - 3PEAK INC.
Part # TPM2003
Download  TPM2003 Download
File Size   2010.85 Kbytes
Page   16 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 40-V 7-Ch Low-side Driver Array

TPM2003 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPM2003 Datasheet PDF - 3PEAK INC.

Part # TPM2003
Download  TPM2003 Click to download

File Size   2010.85 Kbytes
Page   16 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 40-V 7-Ch Low-side Driver Array

TPM2003 Datasheet (HTML) - 3PEAK INC.


TPM2003 Product details

Features
• 7-channel Darlington Array
• 500-mA Rated Drain Current (Per Channel)
• Very Low Output Leakage < 10 nA Per Channel
• Power Efficient with Low RDS-on
• Extended Temperature Range: TA = –40°C to 125°C
• High-Voltage Outputs: 40 V
• Compatible with 1.8-V to 5.0-V Logic Interface
• Integrated Free-wheeling Diodes for Inductive Load
• Improved Noise-immunity with integrated RC filter
• Enhanced ESD Protection Exceeds JESD 22 – 2.5-kV
HBM, 1.5-kV CDM
• Available in SOP16 and TSSOP16 Packages

Applications
• Inductive Loads
– Relays
– Unipolar Stepper & Brushed DC Motors
– Solenoids & Valves
• LED Indicators
• Logic Level Shifting
• Gate & IGBT Drive

Description
The TPM2003 is a high-voltage, high-current NMOS
transistor array. This device consists of seven channels of
low-side NMOS transistors with high-voltage outputs and
free-wheeling diodes for inductive loads.
The maximum drain-current rating of a single NMOS
channel is 500 mA. The device supports a wide I/O voltage
range from 1.8 V to 30 V. The transistors can drive
in parallel for higher current capability. Enhanced ESD
performance enhances system-level reliability.
The TPM2003 can replace traditional Bipolar Darlington
arrays with better thermal efficiency and reliability.




Similar Part No. - TPM2003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPM200 ETC2-TPM200 Datasheet
1Mb / 2P
Chassis Mounting Non-inductive Flat Type High Power resistors
logo
TECH PUBLIC Electronics...
TPM2001NY3 TECHPUBLIC-TPM2001NY3 Datasheet
2Mb / 5P
N-Channel Enhancement Mode Power MOSFET
TPM2006NHK3 TECHPUBLIC-TPM2006NHK3 Datasheet
1Mb / 3P
N-Channel MOSFET 200V, 6.0A, 0.65
TPM2007NK3 TECHPUBLIC-TPM2007NK3 Datasheet
2Mb / 5P
200V N-Channel Enhancement Mode Power MOSFET
More results


Similar Description - TPM2003

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2081 NTE-NTE2081 Datasheet
22Kb / 2P
Integrated Circuit 7-Stage Driver Array
logo
Fairchild Semiconductor
FAN8037 FAIRCHILD-FAN8037 Datasheet
385Kb / 23P
7-CH Motor Driver
logo
Cystech Electonics Corp...
CH-D3715PA CYSTEKEC-CH-D3715PA Datasheet
172Kb / 6P
7-CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULQ2003AP TOSHIBA-ULQ2003AP Datasheet
237Kb / 11P
7-ch Darlington Sink Driver
ULN2003APG TOSHIBA-ULN2003APG Datasheet
374Kb / 13P
7-ch Darlington Sink Driver
logo
Texas Instruments
TPL7407L TI-TPL7407L_15 Datasheet
844Kb / 23P
TPL7407L 40-V 7-Channel Low Side Driver
TPL7407L TI1-TPL7407L_16 Datasheet
919Kb / 23P
TPL7407L 40-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA_18 Datasheet
1Mb / 25P
30-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
30-V 7-Channel Low Side Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com