Electronic Components Datasheet Search
  English  ▼

X  

TPM2006NHK3 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPM2006NHK3 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPM2006NHK3
Download  TPM2006NHK3 Download
File Size   1043.75 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel MOSFET 200V, 6.0A, 0.65

TPM2006NHK3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPM2006NHK3 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPM2006NHK3
Download  TPM2006NHK3 Click to download

File Size   1043.75 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel MOSFET 200V, 6.0A, 0.65

TPM2006NHK3 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPM2006NHK3 Product details

Features
Vbs =200V
= 6.0A
Roson) < 0.65Q @Ves = 10V




Similar Part No. - TPM2006NHK3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPM200 ETC2-TPM200 Datasheet
1Mb / 2P
Chassis Mounting Non-inductive Flat Type High Power resistors
logo
TECH PUBLIC Electronics...
TPM2001NY3 TECHPUBLIC-TPM2001NY3 Datasheet
2Mb / 5P
N-Channel Enhancement Mode Power MOSFET
logo
3PEAK INC.
TPM2003 3PEAK-TPM2003 Datasheet
1Mb / 16P
40-V 7-Ch Low-side Driver Array
TPM2003-SO3R 3PEAK-TPM2003-SO3R Datasheet
1Mb / 16P
40-V 7-Ch Low-side Driver Array
TPM2003-TS3R 3PEAK-TPM2003-TS3R Datasheet
1Mb / 16P
40-V 7-Ch Low-side Driver Array
More results


Similar Description - TPM2006NHK3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
200V N-Channel MOSFET
FQB10N20 FAIRCHILD-FQB10N20 Datasheet
794Kb / 9P
200V N-Channel MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2 Datasheet
615Kb / 9P
200V N-Channel MOSFET
FQP19N20 FAIRCHILD-FQP19N20 Datasheet
705Kb / 8P
200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
200V N-Channel MOSFET
logo
STMicroelectronics
STD5N20L STMICROELECTRONICS-STD5N20L Datasheet
273Kb / 10P
N-CHANNEL 200V - 0.65廓 - 5A DPAK STripFET??MOSFET
20-Sep-2004
logo
Fairchild Semiconductor
FDB12N50TM FAIRCHILD-FDB12N50TM Datasheet
366Kb / 9P
N-Channel MOSFET 500V, 11.5A, 0.65廓
logo
ON Semiconductor
NDF10N62Z ONSEMI-NDF10N62Z Datasheet
143Kb / 6P
N-Channel Power MOSFET 620 V, 0.65 ?
April, 2010 ??Rev. 0
logo
MagnaChip Semiconductor...
MMF80R650P MGCHIP-MMF80R650P Datasheet
1Mb / 10P
800V 0.65(ohm) N-channel MOSFET
logo
TECH PUBLIC Electronics...
IRFR220N TECHPUBLIC-IRFR220N Datasheet
1Mb / 3P
N-Channel MOSFET 200V, 6.0A, 0.65
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com