Electronic Components Datasheet Search
  English  ▼

X  

1400918 Datasheet (PDF) - PHOENIX CONTACT

1400918 Datasheet PDF - PHOENIX CONTACT
Part # 1400918
Download  1400918 Download
File Size   576.12 Kbytes
Page   23 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-CI/.../... - Sensor/actuator cable

1400918 Datasheet (PDF)

Go To PDF Page Download Datasheet
1400918 Datasheet PDF - PHOENIX CONTACT

Part # 1400918
Download  1400918 Click to download

File Size   576.12 Kbytes
Page   23 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-CI/.../... - Sensor/actuator cable

1400918 Datasheet (HTML) - PHOENIX CONTACT


1400918 Product details

Sensor/actuator cable, 3-position, free cable end, on Valve connector CI (9.4 mm), Wiring:
unwired, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Flexible solutions - configurable materials with variable cable types and cable lengths




Similar Part No. - 1400918

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400916 PHOENIX-1400916 Datasheet
636Kb / 24P
SAC-3P-MS-CI SCO/.../... - Sensor/actuator cable
1400917 PHOENIX-1400917 Datasheet
643Kb / 24P
SAC-3P-MR-CI SCO/.../... - Sensor/actuator cable
1400919 PHOENIX-1400919 Datasheet
624Kb / 23P
SAC-3P-MS-C SCO/.../... - Sensor/actuator cable
More results


Similar Description - 1400918

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400592 PHOENIX-1400592 Datasheet
68Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MS/5,0-PUR/CI-1LZ
1400605 PHOENIX-1400605 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P-10,0-PVC/CI-1L-Z
1400797 PHOENIX-1400797 Datasheet
41Kb / 1P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/CI-1L-Z
1404806 PHOENIX-1404806 Datasheet
112Kb / 6P
Sensor/Actuator cable - SAC-3P-10,0-PVC/CI B-L
1415939 PHOENIX-1415939 Datasheet
100Kb / 4P
Sensor/actuator cable - SAC-3P- 3,0-PVC/CI-1L-Z
1415940 PHOENIX-1415940 Datasheet
82Kb / 3P
Sensor/Actuator cable - SAC-3P- 5,0-PVC/CI-1L-Z
1415943 PHOENIX-1415943 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 5,0-PVC/CI-1L-V
1435713 PHOENIX-1435713 Datasheet
107Kb / 6P
Sensor/Actuator cable - SAC-3P-10,0-PUR/CI-1L-Z
1443271 PHOENIX-1443271 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/CI-1L-V
1443284 PHOENIX-1443284 Datasheet
106Kb / 8P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/CI-1L-V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com