Electronic Components Datasheet Search
  English  ▼

X  

1400919 Datasheet (PDF) - PHOENIX CONTACT

1400919 Datasheet PDF - PHOENIX CONTACT
Part # 1400919
Download  1400919 Download
File Size   624.07 Kbytes
Page   23 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-MS-C SCO/.../... - Sensor/actuator cable

1400919 Datasheet (PDF)

Go To PDF Page Download Datasheet
1400919 Datasheet PDF - PHOENIX CONTACT

Part # 1400919
Download  1400919 Click to download

File Size   624.07 Kbytes
Page   23 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-MS-C SCO/.../... - Sensor/actuator cable

1400919 Datasheet (HTML) - PHOENIX CONTACT


1400919 Product details

Sensor/actuator cable, 3-position, Plug straight M12 SPEEDCON, coding: A, on Valve connector
C (8 mm), Wiring: unwired, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save time, thanks to installation with SPEEDCON fast locking system
• Flexible solutions - configurable materials with variable cable types and cable lengths




Similar Part No. - 1400919

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400916 PHOENIX-1400916 Datasheet
636Kb / 24P
SAC-3P-MS-CI SCO/.../... - Sensor/actuator cable
1400917 PHOENIX-1400917 Datasheet
643Kb / 24P
SAC-3P-MR-CI SCO/.../... - Sensor/actuator cable
1400918 PHOENIX-1400918 Datasheet
576Kb / 23P
SAC-3P-CI/.../... - Sensor/actuator cable
More results


Similar Description - 1400919

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417881 PHOENIX-1417881 Datasheet
95Kb / 5P
Sensor/Actuator cable - SAC-3P-MS/10,0-542/ FS SCO BK
1417882 PHOENIX-1417882 Datasheet
95Kb / 5P
Sensor/Actuator cable - SAC-3P-MS/15,0-542/ FS SCO BK
1417886 PHOENIX-1417886 Datasheet
106Kb / 5P
Sensor/Actuator cable - SAC-3P-MS/ 5,0-542/FSSH SCO BK
1417887 PHOENIX-1417887 Datasheet
106Kb / 5P
Sensor/Actuator cable - SAC-3P-MS/10,0-542/FSSH SCO BK
1417888 PHOENIX-1417888 Datasheet
106Kb / 5P
Sensor/Actuator cable - SAC-3P-MS/15,0-542/FSSH SCO BK
1417889 PHOENIX-1417889 Datasheet
106Kb / 5P
Sensor/Actuator cable - SAC-3P-MS/20,0-542/FSSH SCO BK
1435438 PHOENIX-1435438 Datasheet
115Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 0,3-PUR/C-1L-Z SCO
1435467 PHOENIX-1435467 Datasheet
115Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 3,0-PUR/C-1L-Z SCO
1425111 PHOENIX-1425111 Datasheet
147Kb / 10P
Sensor/actuator cable - SAC-3P-MS/10,0-547/FS SCO BK
09/11/2020
1425113 PHOENIX-1425113 Datasheet
147Kb / 10P
Sensor/actuator cable - SAC-3P-MS/20,0-547/FS SCO BK
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com