Electronic Components Datasheet Search
  English  ▼

X  

1291356 Datasheet (PDF) - PHOENIX CONTACT

1291356 Datasheet PDF - PHOENIX CONTACT
Part # 1291356
Download  1291356 Download
File Size   437.71 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P- 5,0-U60/M12FSK PE SH - Power cable

1291356 Datasheet (PDF)

Go To PDF Page Download Datasheet
1291356 Datasheet PDF - PHOENIX CONTACT

Part # 1291356
Download  1291356 Click to download

File Size   437.71 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P- 5,0-U60/M12FSK PE SH - Power cable

1291356 Datasheet (HTML) - PHOENIX CONTACT


1291356 Product details

Power cable, 5-position, PVC, black, shielded (Advanced Shielding Technology), free cable end,
on Socket straight M12, coding: K, cable length: 5 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against mismatching, thanks to special K-coding
• Shield power reliably – 360° shielding to reduce electromagnetic loads




Similar Part No. - 1291356

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1291350 PHOENIX-1291350 Datasheet
535Kb / 10P
SAC-5P-M12MSK/ 2,0-U60/FSKPESH - Power cable
1291352 PHOENIX-1291352 Datasheet
443Kb / 9P
SAC-5P- 5,0-U60/M12FRK PE SH - Power cable
1291359 PHOENIX-1291359 Datasheet
428Kb / 9P
SAC-5P-M12MSK/ 5,0-U60 PE SH - Power cable
More results


Similar Description - 1291356

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407789 PHOENIX-1407789 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P- 5,0-PUR/FS SH SCO
1414797 PHOENIX-1414797 Datasheet
403Kb / 7P
Power cable - SAC-5P- 3,0-PVC/M12FSK PE SH
02/03/2022
1414833 PHOENIX-1414833 Datasheet
149Kb / 9P
Power cable - SAC-5P-M12MRK/ 1,5-PUR PE
09/12/2020
1414835 PHOENIX-1414835 Datasheet
149Kb / 9P
Power cable - SAC-5P-M12MRK/ 1,5-PVC PE
09/12/2020
1414884 PHOENIX-1414884 Datasheet
147Kb / 9P
Power cable - SAC-5P-M12MSL/ 1,5-280 FE SH
09/12/2020
1424122 PHOENIX-1424122 Datasheet
155Kb / 9P
Power cable - SAC-4P-M12MST/ 5,0-PUR SH
09/11/2020
1410494 PHOENIX-1410494 Datasheet
1Mb / 12P
SAC-5P- 5,0-92X/M12FS SH OD - Bus system cable
1410472 PHOENIX-1410472 Datasheet
434Kb / 12P
SAC-5P-M12MS/ 5,0-92X SH OD - Bus system cable
1476885 PHOENIX-1476885 Datasheet
1Mb / 8P
SAC-5P- 5,0-PUR/P12FR SH - Sensor/actuator cable
1476897 PHOENIX-1476897 Datasheet
433Kb / 8P
SAC-5P-P12MR/ 5,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com