Electronic Components Datasheet Search
  English  ▼

X  

1291350 Datasheet (PDF) - PHOENIX CONTACT

1291350 Datasheet PDF - PHOENIX CONTACT
Part # 1291350
Download  1291350 Download
File Size   535.7 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MSK/ 2,0-U60/FSKPESH - Power cable

1291350 Datasheet (PDF)

Go To PDF Page Download Datasheet
1291350 Datasheet PDF - PHOENIX CONTACT

Part # 1291350
Download  1291350 Click to download

File Size   535.7 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MSK/ 2,0-U60/FSKPESH - Power cable

1291350 Datasheet (HTML) - PHOENIX CONTACT


1291350 Product details

Power cable, 5-position, PVC, black, shielded (Advanced Shielding Technology), Plug straight
M12, coding: K, on Socket straight M12, coding: K, cable length: 2 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against mismatching, thanks to special K-coding
• Shield power reliably – 360° shielding to reduce electromagnetic loads




Similar Part No. - 1291350

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1291352 PHOENIX-1291352 Datasheet
443Kb / 9P
SAC-5P- 5,0-U60/M12FRK PE SH - Power cable
1291356 PHOENIX-1291356 Datasheet
437Kb / 9P
SAC-5P- 5,0-U60/M12FSK PE SH - Power cable
1291359 PHOENIX-1291359 Datasheet
428Kb / 9P
SAC-5P-M12MSK/ 5,0-U60 PE SH - Power cable
More results


Similar Description - 1291350

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1418426 PHOENIX-1418426 Datasheet
120Kb / 7P
Bus system cable - SAC-5P- 2,0-923/MINFS DN
09/11/2020
1454545 PHOENIX-1454545 Datasheet
112Kb / 5P
Sensor/actuator cable - SAC-5P-M12MS/ 2,0-802/M12FR
12/05/2018
1507421 PHOENIX-1507421 Datasheet
740Kb / 19P
Bus system cable - SAC-5P-M12MS/ 2,0-920
Jan 11, 2023
1405981 PHOENIX-1405981 Datasheet
372Kb / 9P
Bus system cable - SAC-5P-M12MS/ 2,0-924
1405986 PHOENIX-1405986 Datasheet
1Mb / 9P
Bus system cable - SAC-5P- 2,0-924/FS SCO
1507476 PHOENIX-1507476 Datasheet
1Mb / 20P
Bus system cable - SAC-5P- 2,0-920/M12FS
1507065 PHOENIX-1507065 Datasheet
825Kb / 23P
SAC-5P-M12MSB/ 2,0-900 - Bus system cable
1507117 PHOENIX-1507117 Datasheet
1Mb / 23P
SAC-5P- 2,0-900/M12FSB - Bus system cable
1507191 PHOENIX-1507191 Datasheet
1Mb / 17P
SAC-5P-M12MSB/ 2,0-900/M12FSB - Bus system cable
1095839 PHOENIX-1095839 Datasheet
406Kb / 12P
SAC-5P-M12MS/ 2,0-680 FDP - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com