Electronic Components Datasheet Search
  English  ▼

X  

MAX25432BATLM/V+ Datasheet (PDF) - Analog Devices

MAX25432BATLM/V+ Datasheet PDF - Analog Devices
Part # MAX25432BATLM/V+
Download  MAX25432BATLM/V+ Download
File Size   2851.96 Kbytes
Page   131 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive, 100W, USB PD, PPS, Buck-Boost Port Controller and Protector

MAX25432BATLM/V+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX25432BATLM/V+ Datasheet PDF - Analog Devices

Part # MAX25432BATLM/V+
Download  MAX25432BATLM/V+ Click to download

File Size   2851.96 Kbytes
Page   131 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive, 100W, USB PD, PPS, Buck-Boost Port Controller and Protector

MAX25432BATLM/V+ Datasheet (HTML) - Analog Devices


MAX25432BATLM/V+ Product details

Benefits and Features
•Integrated I2C Buck-Boost Controller with PPS
•4.5V to 36V Input Operating Range
•3.3V to 21V Constant Voltage, 10mV LSB
•1A to 6.35A Current Limit, 25mA LSB
•220kHz, 300kHz, and 400kHz SwitchingFrequency
•VBUS Cable Compensation up to 516mΩ
•External Frequency Synchronization and SpreadSpectrum for Reduced EMI
•USB PD 3.1 Type-C Port Controller
•USB-IF Compliant - TID 9154
•Up to 800mV Ground Offset
•Pairs with ADI TCPM for Turn-Key Solution
•MAX25432BATLP Enables:
•ADI TCPM Alternate Mode and Dual-Role Port
•Improved CC Detection
•Advanced Monitoring Algorithms (V, T)
•Dynamic Loop Control
•Highest Performance, Safest, and Lowest CostPassenger Cable-Shield Short-to-Battery Protection
•Minimizes Short-Circuit Currents with a Small,Single-FET Solution
•Integrated Current-Sense Amplifiers, ADC and DAC
•Integrated 3.3V to 5.0V, 1.5W, Smart, ReliableVCONN Switches and Protection, 50mA to 500mAOCP
•Integrated 24V DC Protection on Protected HVD+,HVD-, HVCC1, HVCC2 Outputs
•Integrated Legacy USB 2.0 Charging IncludingBC1.2, Apple CarPlay, OTG, and Apple MFi Rev 3x
•Integrated ±15kV Air-Gap/±8kV Contact-DischargeISO 10605 and IEC 61000-4-2 ESD Protection
•-40°C to +125°C Operating Temperature Range
•40-Pin, 6mm x 6mm, TQFN Package with EP
•AEC-Q100 and AEC-Q006 Qualified

Applications
•USB Hubs, Breakout Boxes, and Multimedia Hubs
•Dedicated Charging Modules
•Rear-Seat Entertainment Modules
•Head Unit, Radio, Navigation




Similar Part No. - MAX25432BATLM/V+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25430 MAXIM-MAX25430 Datasheet
3Mb / 120P
Automotive 100W USB-PD Buck-Boost Port Controller and Protector
19-100826; Rev 0; 7/20
MAX25430AEVKIT MAXIM-MAX25430AEVKIT Datasheet
4Mb / 33P
100W USB-PD REV3.0 Source Charger Solution using a Cypress PD Controller
2020
MAX25431EVKIT MAXIM-MAX25431EVKIT Datasheet
578Kb / 7P
Evaluates: MAX25431
2020
More results


Similar Description - MAX25432BATLM/V+

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
EVBUM2710 ONSEMI-EVBUM2710 Datasheet
5Mb / 24P
USB Type-C Source Controller Supporting USB Power Delivery 3.0 w/PPS and a 4-Switch Buck Boost Controller Evaluation Board
January, 2020 ??Rev. 0
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
Maxim Integrated Produc...
MAX25430 MAXIM-MAX25430 Datasheet
3Mb / 120P
Automotive 100W USB-PD Buck-Boost Port Controller and Protector
19-100826; Rev 0; 7/20
MAX25203EVKIT MAXIM-MAX25203EVKIT Datasheet
1Mb / 18P
100W USB-PD REV3.0 Source Charger Solution using a Cypress PD Controller
2020
MAX25430AEVKIT MAXIM-MAX25430AEVKIT Datasheet
4Mb / 33P
100W USB-PD REV3.0 Source Charger Solution using a Cypress PD Controller
2020
logo
Analog Devices
MAX77859 AD-MAX77859 Datasheet
5Mb / 58P
2.5V to 22V Input, 7.8A Switching Current High-Efficiency Buck-Boost Converter for USB-PD/PPS Applications
Rev 1; 05/23
logo
Richtek Technology Corp...
RT1711P RICHTEK-RT1711P Datasheet
472Kb / 39P
USB PD Port and Power Controller
February 2017
RT7882 RICHTEK-RT7882 Datasheet
925Kb / 31P
USB Type-C PD and PWM Buck-Boost Controller with AnyPowerTM and PD Safe Features
April 2023
RTQ7880A-QT RICHTEK-RTQ7880A-QT Datasheet
340Kb / 25P
USB Type-C PD and PWM Buck-Boost Controller with AnyPowerTM and PD Safe® Features
September 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com