Electronic Components Datasheet Search
  English  ▼

X  

MAX77859 Datasheet (PDF) - Analog Devices

MAX77859 Datasheet PDF - Analog Devices
Part # MAX77859
Download  MAX77859 Download
File Size   5802.04 Kbytes
Page   58 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5V to 22V Input, 7.8A Switching Current High-Efficiency Buck-Boost Converter for USB-PD/PPS Applications

MAX77859 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX77859 Datasheet PDF - Analog Devices

Part # MAX77859
Download  MAX77859 Click to download

File Size   5802.04 Kbytes
Page   58 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5V to 22V Input, 7.8A Switching Current High-Efficiency Buck-Boost Converter for USB-PD/PPS Applications

MAX77859 Datasheet (HTML) - Analog Devices


MAX77859 Product details

Product Highlights
• Wide Input Voltage Range: 2.5V to 22V
• Programmable Output Voltage
• 3.2V to 16V with Internal Feedback Resistors
• 3.0V to 20V with External Feedback Resistors,
See Table 1
• USB Type-C® Power Delivery (PD)/Programmable
Power Supply (PPS)
• 20mV Output Voltage Step Size
• 50mA Output Current Limit Step Size
• Maximum Output Current
• Buck Mode: Up to 6A
• Boost Mode: Up to 4A (VIN = 3.7V, VOUT = 5V)
• 7.8A Typical Switching Current
• Automatic SKIP Mode and Forced-PWM Mode
• RSEL Configuration
• I2C Interface Target Address
• Switching Current Limit Threshold
• Internal/External Feedback Resistors
• I2C Programming
• Output Voltage (DVS)
• Slew Rate of Output Voltage Change
• Output Current Limit Threshold
• Switching Current Limit Threshold
• Switching Frequency
• Forced-PWM Mode Operation (FPWM)
• Loop Compensation
• Power-OK (POK) and Fault Status/Interrupts
• Output Active Discharge
• Open-Drain Status/Interrupts Pin
• Available in a 3.01mm x 2.78mm 42 Wafer-Level
Packaging (WLP) or 4.0mm x 4.0mm 19 FC2QFN

Key Applications
• USB PD 3.0 (PPS) Dynamically-Reconfigurable
Processor (DRP) Applications
The highest output power from any existing ultrabook
Universal Serial Bus (USB) Type-C® port is 15W, 5V,
and 3A. The MAX77859 can enable USB PD output
up to 30W, and it is PPS compliant, which can double
the charging speed of any USB Type-C PD-compliant
smartphone and peripherals. When implemented, a
15-minute quick recharge on the peripheral from the
ultrabook can enable hours of operation to get
through the day.
• Space-Constrained Applications
USB-C® PD DRP design is complex and extremely
limited in real estate, especially close to the port area.
A buck-boost topology design is required to enable
USB PD, but the solution size is the critical
bottleneck. The MAX77859 is a fully integrated buckboost
converter to help shrink the solution size by
80% plus compared to a discrete buck-boost solution
with similar output power capability.




Similar Part No. - MAX77859

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77801 MAXIM-MAX77801 Datasheet
1Mb / 25P
Flexibility Supports Various Designs
Rev 0; 2/15
MAX77801 MAXIM-MAX77801 Datasheet
1Mb / 31P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77801ETP+T MAXIM-MAX77801ETP+T Datasheet
1Mb / 31P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77801EWP+T MAXIM-MAX77801EWP+T Datasheet
1Mb / 31P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77801 MAXIM-MAX77801_V01 Datasheet
1Mb / 31P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
More results


Similar Description - MAX77859

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3566-2 LINER-LTC3566-2_15 Datasheet
282Kb / 28P
High Efficiency USB Power Manager Plus 1A Buck-Boost Converter
logo
Texas Instruments
TPS63024 TI1-TPS63024 Datasheet
2Mb / 29P
High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS630250 TI1-TPS630250_16 Datasheet
3Mb / 30P
High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63027 TI1-TPS63027 Datasheet
739Kb / 23P
High Current, High Efficiency Single Inductor Buck-Boost Converter
logo
Monolithic Power System...
EV8758H-L-00A MPS-EV8758H-L-00A Datasheet
603Kb / 8P
22V, 10A, High Current Synchronous Buck Converter
logo
Texas Instruments
TPS63805 TI1-TPS63805 Datasheet
559Kb / 21P
High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63805 TI1-TPS63805_18 Datasheet
560Kb / 22P
High Current, High Efficiency Single Inductor Buck-Boost Converter
logo
Maxim Integrated Produc...
MAX77813 MAXIM-MAX77813 Datasheet
1Mb / 30P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77801 MAXIM-MAX77801_V01 Datasheet
1Mb / 31P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
logo
Analog Devices
MAX77847 AD-MAX77847 Datasheet
2Mb / 37P
5.5V Input, 4.5A Switching Current High Efficiency Buck-Boost Converter
19-101705; Rev 0; 9/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com