Electronic Components Datasheet Search
  English  ▼

X  

DSA557-03 Datasheet (PDF) - Microchip Technology

DSA557-03 Datasheet PDF - Microchip Technology
Part # DSA557-03
Download  DSA557-03 Download
File Size   1890.35 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Multiple Output MEMS PCIe Gen1/2/3/4 Clocks for Automotive

DSA557-03 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSA557-03 Datasheet PDF - Microchip Technology

Part # DSA557-03
Download  DSA557-03 Click to download

File Size   1890.35 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Multiple Output MEMS PCIe Gen1/2/3/4 Clocks for Automotive

DSA557-03 Datasheet (HTML) - Microchip Technology


DSA557-03 Product details

General Description
The DSA557 series of high performance PCI Express clock generators use a proven silicon MEMS technology to provide 100 MHz differential output clocks with excellent jitter and stability over a wide range of supply voltages and temperatures. By eliminating the need for quartz or SAW technology, MEMS oscillators significantly enhance reliability and accelerate product development, while meeting stringent clock performance criteria for a variety of communications, storage, and networking applications. The DSA557-03/04/05 have two, three, and four 100 MHz outputs, respectively. All have output enable/disable features.

Features
•Automotive AEC-Q100 Qualified
•Complies with PCIe Gen1/2/3/4 Common Clock Spec
•Integrated MEMS Resonator Eliminates the Need for External 25 MHz Crystal
•Wide Temperature Range:
-Automotive Grade 2: –40°C to +105°C
-Automotive Grade 3: –40°C to +85°C
•100 MHz HCSL/LVDS/LVCMOS Options Available
•Dedicated Output Enable (OE) Pins for Clock Outputs
•Small Footprints:
-14-Lead QFN (DSA557-03, Two Outputs)
-20-Lead VQFN (DSA557-04, Three Outputs; DSA557-05, Four Outputs)
•Excellent Shock and Vibration Immunity
-Qualified to MIL-STD-883
•High Reliability
-20x Better MTF than Quartz Oscillators
•Low Current Consumption: 30% Lower than Competing Devices
•Supply Range of 2.25V to 3.63V
•Lead-Free and RoHS Compliant

Applications
•Automotive Infotainment
•Automotive ADAS
•Autonomous Driving
•In-Vehicle Network




Similar Part No. - DSA557-03

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DSA5001 PANASONIC-DSA5001 Datasheet
519Kb / 4P
Silicon PNP epitaxial planar type
DSA500200L PANASONIC-DSA500200L Datasheet
387Kb / 4P
Silicon PNP epitaxial planar type
logo
Danley Sound Labs. All ...
DSA500X4 DANLEY-DSA500X4 Datasheet
187Kb / 2P
Four Channel WIFI DSP Amplifiers
Rev. 2023.02.15
logo
Microchip Technology
DSA504RT MICROCHIP-DSA504RT Datasheet
2Mb / 73P
Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
12/2025
DSA504RT-XJB-E MICROCHIP-DSA504RT-XJB-E Datasheet
2Mb / 73P
Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
12/2025
More results


Similar Description - DSA557-03

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CDBL401B PERICOM-PI6CDBL401B Datasheet
1Mb / 16P
4-Output Low Power PCIE GEN1-2-3 Buffer
logo
Integrated Device Techn...
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
IDT5V41236 IDT-IDT5V41236 Datasheet
336Kb / 18P
4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
logo
Renesas Technology Corp
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
MAY 5, 2017
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
SEPTEMBER 18, 2019
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
IDT5V41066 RENESAS-IDT5V41066 Datasheet
335Kb / 15P
4 OUTPUT PCIE GEN1/2 SYNTHESIZER
112211
IDT5V41186 RENESAS-IDT5V41186 Datasheet
343Kb / 15P
4 OUTPUT PCIE GEN1/2 SYNTHESIZER
010915
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com