Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT-XJB-E Datasheet (PDF) - Microchip Technology

DSA504RT-XJB-E Datasheet PDF - Microchip Technology
Part # DSA504RT-XJB-E
Download  DSA504RT-XJB-E Download
File Size   2850.5 Kbytes
Page   73 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications

DSA504RT-XJB-E Datasheet (PDF)

Go To PDF Page Download Datasheet
DSA504RT-XJB-E Datasheet PDF - Microchip Technology

Part # DSA504RT-XJB-E
Download  DSA504RT-XJB-E Click to download

File Size   2850.5 Kbytes
Page   73 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications

DSA504RT-XJB-E Datasheet (HTML) - Microchip Technology


DSA504RT-XJB-E Product details

Preliminary
Features
• Six-Output Any Frequency Clock Generators
• Up to 6 Differential Outputs or 12 CMOS Outputs
• External Clock Reference
• External Reference Frequency Range:
– External Differential Clock: 10 MHz to 250 MHz
– External LVCMOS Clock: 10 MHz to 200 MHz
• Highly Configurable Outputs with Separate Supply and Independent Format Selection: LPHCSL, LVDS,
LVPECL and LVCMOS
• Output Frequency Range:
– Differential Output:
• LPHCSL: 0.35 MHz to 250 MHz
• LVDS, LVPECL: 0.35 MHz to 662 MHz
– LVCMOS Output: 0.35 MHz to 200 MHz
• Standby Mode for Low Power Consumption when Not in Use
• I2C Interface
• PCIe Gen1 - Gen 7 Compliant Outputs
• Extended Temperature Range: −55 °C to +125 °C
• Operating Voltage: 1.71V to 3.63V
– Operating voltage must not exceed 3.30V on VDDOx supply pins (See Radiation Report for details)
• Packages
– VQFN28, 28-lead Very Thin Quad Flat No-Lead, 4 mm × 4 mm body size
– CQFP32, 32-lead Ceramic Quad Flat Package, 16 mm × 16 mm body size
• ESD
– HBM: TBD
– CDM: TBD
• Radiation performances
– No Single Event Latch-up below a LET of 78 MeV.cm 2/mg at 125 °C
– TID immunity targeted up to 50 Krad(si) according to ESCC-22900 test method
• Mass
– VQFN28: TBD
– CQFP32: TBD




Similar Part No. - DSA504RT-XJB-E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DSA5001 PANASONIC-DSA5001 Datasheet
519Kb / 4P
Silicon PNP epitaxial planar type
DSA500200L PANASONIC-DSA500200L Datasheet
387Kb / 4P
Silicon PNP epitaxial planar type
logo
Danley Sound Labs. All ...
DSA500X4 DANLEY-DSA500X4 Datasheet
187Kb / 2P
Four Channel WIFI DSP Amplifiers
Rev. 2023.02.15
logo
IXYS Corporation
DSA50C100HB IXYS-DSA50C100HB Datasheet
117Kb / 4P
Schottky Diode Gen 2 High Performance Schottky Diode Low Loss and Soft Recovery
logo
Inchange Semiconductor ...
DSA50C100HB ISC-DSA50C100HB Datasheet
284Kb / 2P
Schottky Diode
More results


Similar Description - DSA504RT-XJB-E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
Four Output, Integrated VCO, Low-Jitter Clock Generator
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
logo
HuaXinAn Electronics CO...
AK8160BV HUAXINAN-AK8160BV Datasheet
345Kb / 16P
Low Power & Low Jitter Clock Generator for PCI Express
logo
Asahi Kasei Microsystem...
AK8160B2 AKM-AK8160B2 Datasheet
338Kb / 16P
Low Power & Low Jitter Clock Generator for PCI Express
AK8160BV2 AKM-AK8160BV2 Datasheet
351Kb / 16P
Low Power & Low Jitter Clock Generator for PCI Express
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
Ultra-Low Jitter Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
9/15-Rev. B to Rev. C
AD9530 AD-AD9530 Datasheet
979Kb / 41P
4 CML Output, Low Jitter Clock Generator
4/16-Revision 0
logo
Microchip Technology
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com