Electronic Components Datasheet Search
  English  ▼

X  

1244556 Datasheet (PDF) - PHOENIX CONTACT

1244556 Datasheet PDF - PHOENIX CONTACT
Part # 1244556
Download  1244556 Download
File Size   586.54 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description K-8E-OE/2,0-H00/M23FK-C5-SX - Cable plug in molded plastic

1244556 Datasheet (PDF)

Go To PDF Page Download Datasheet
1244556 Datasheet PDF - PHOENIX CONTACT

Part # 1244556
Download  1244556 Click to download

File Size   586.54 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description K-8E-OE/2,0-H00/M23FK-C5-SX - Cable plug in molded plastic

1244556 Datasheet (HTML) - PHOENIX CONTACT


1244556 Product details

Cable plug in molded plastic, series: KSH, M23-Socket, angled, rotatable, -120° left/120° right,
number of positions: 4+4+4+PE, type of locking: SPEEDCON, cable length: 2 m, shielded: yes,
color of outer sheath: orange RAL 2003, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb < 0.1 %)

Your advantages
• Transmission of signals, data, and power in just a single connector
• CAT5 data interface for up to 100 Mbps
• Customer-specific assemblies and cable lengths can be supplied
• Simple and safe: 100% electrically tested and assembled ready for use
• Designs with preassembled cables on one or both sides
• Easy connection: angled design with configurable cable outlet direction




Similar Part No. - 1244556

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1244550 PHOENIX-1244550 Datasheet
517Kb / 10P
K-8E-OE/2,0-H00/M23F8-C5-SX - Cable plug in molded plastic
1244551 PHOENIX-1244551 Datasheet
519Kb / 11P
K-8E-OE/5,0-H00/M23F8-C5-SX - Cable plug in molded plastic
1244552 PHOENIX-1244552 Datasheet
519Kb / 11P
K-8E-OE/10,0-H00/M23F8-C5-SX - Cable plug in molded plastic
1244553 PHOENIX-1244553 Datasheet
545Kb / 11P
K-8E-M23M8/2,0-H00/OE-C5-SX - Cable plug in molded plastic
1244554 PHOENIX-1244554 Datasheet
545Kb / 11P
K-8E-M23M8/5,0-H00/OE-C5-SX - Cable plug in molded plastic
More results


Similar Description - 1244556

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619277 PHOENIX-1619277 Datasheet
148Kb / 7P
Cable plug in molded plastic - K-17 - OE/2,0-E01/M23 F8
09/11/2020
1620426 PHOENIX-1620426 Datasheet
135Kb / 9P
Cable plug in molded plastic - K-7E - OE/010-D03/M23 FK
09/11/2020
1622231 PHOENIX-1622231 Datasheet
193Kb / 11P
Cable plug in molded plastic - K-8E-OE/5,0-H00/M23FK-C5-S
09/11/2020
1624780 PHOENIX-1624780 Datasheet
150Kb / 8P
Cable plug in molded plastic - K-17 - OE/2,0-E01/M17 F8
09/11/2020
1112870 PHOENIX-1112870 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/2,0-93C/OE
1113198 PHOENIX-1113198 Datasheet
185Kb / 5P
Patch cable - NBC-R4ACS/2,0-94F/OE
1113211 PHOENIX-1113211 Datasheet
178Kb / 5P
Patch cable - NBC-R4ACS/2,0-94C/OE
1113305 PHOENIX-1113305 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACT/2,0-93B/OE
1113334 PHOENIX-1113334 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/2,0-93M/OE
1404342 PHOENIX-1404342 Datasheet
279Kb / 9P
VS-IP20-OE-93E/2,0 - Network cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com