Electronic Components Datasheet Search
  English  ▼

X  

1244554 Datasheet (PDF) - PHOENIX CONTACT

1244554 Datasheet PDF - PHOENIX CONTACT
Part # 1244554
Download  1244554 Download
File Size   545.59 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description K-8E-M23M8/5,0-H00/OE-C5-SX - Cable plug in molded plastic

1244554 Datasheet (PDF)

Go To PDF Page Download Datasheet
1244554 Datasheet PDF - PHOENIX CONTACT

Part # 1244554
Download  1244554 Click to download

File Size   545.59 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description K-8E-M23M8/5,0-H00/OE-C5-SX - Cable plug in molded plastic

1244554 Datasheet (HTML) - PHOENIX CONTACT


1244554 Product details

Cable plug in molded plastic, series: KSH, M23-Pin, Straight, plastic molded, number of
positions: 4+4+4+PE, type of locking: SPEEDCON, cable length: 5 m, shielded: yes, color of
outer sheath: orange RAL 2003, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb < 0.1 %)

Your advantages
• Transmission of signals, data, and power in just a single connector
• CAT5 data interface for up to 100 Mbps
• Our standard: robust halogen-free PUR cable
• Simple and safe: 100% electrically tested and assembled ready for use
• Designs with preassembled cables on one or both sides
• Customer-specific assemblies and cable lengths can be supplied




Similar Part No. - 1244554

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1244550 PHOENIX-1244550 Datasheet
517Kb / 10P
K-8E-OE/2,0-H00/M23F8-C5-SX - Cable plug in molded plastic
1244551 PHOENIX-1244551 Datasheet
519Kb / 11P
K-8E-OE/5,0-H00/M23F8-C5-SX - Cable plug in molded plastic
1244552 PHOENIX-1244552 Datasheet
519Kb / 11P
K-8E-OE/10,0-H00/M23F8-C5-SX - Cable plug in molded plastic
1244553 PHOENIX-1244553 Datasheet
545Kb / 11P
K-8E-M23M8/2,0-H00/OE-C5-SX - Cable plug in molded plastic
1244555 PHOENIX-1244555 Datasheet
546Kb / 11P
K-8E-M23M8/10,0-H00/OE-C5-SX - Cable plug in molded plastic
More results


Similar Description - 1244554

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619277 PHOENIX-1619277 Datasheet
148Kb / 7P
Cable plug in molded plastic - K-17 - OE/2,0-E01/M23 F8
09/11/2020
1620426 PHOENIX-1620426 Datasheet
135Kb / 9P
Cable plug in molded plastic - K-7E - OE/010-D03/M23 FK
09/11/2020
1622231 PHOENIX-1622231 Datasheet
193Kb / 11P
Cable plug in molded plastic - K-8E-OE/5,0-H00/M23FK-C5-S
09/11/2020
1624780 PHOENIX-1624780 Datasheet
150Kb / 8P
Cable plug in molded plastic - K-17 - OE/2,0-E01/M17 F8
09/11/2020
1112868 PHOENIX-1112868 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93C/OE
1112873 PHOENIX-1112873 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93B/OE
1113178 PHOENIX-1113178 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93K/OE
1113196 PHOENIX-1113196 Datasheet
185Kb / 5P
Patch cable - NBC-R4ACS/5,0-94F/OE
1113214 PHOENIX-1113214 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACB/5,0-93K/OE
1113209 PHOENIX-1113209 Datasheet
228Kb / 7P
NBC-R4ACS/5,0-94C/OE - Patch cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com