Electronic Components Datasheet Search
  English  ▼

X  

IRFR9120 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRFR9120 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRFR9120
Download  IRFR9120 Download
File Size   1593.96 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -100V P-Channel Enhancement Mode MOSFET

IRFR9120 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR9120 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRFR9120
Download  IRFR9120 Click to download

File Size   1593.96 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -100V P-Channel Enhancement Mode MOSFET

IRFR9120 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRFR9120 Product details

General Features
VDS=-100V,ID=-8A
RDS(ON) <210m @ VGS=-10V (Typ:145m )
Super high dense cell design
Advanced trench process technology
Reliable and rugged
High density celldesign for ultra low on-resistance




Similar Part No. - IRFR9120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFR9120 INTERSIL-IRFR9120 Datasheet
73Kb / 7P
5.6A, 100V, 0.600 Ohm, P-Channel Power MOSFETs
July 1999
logo
International Rectifier
IRFR9120 IRF-IRFR9120 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-5.6A)
logo
Vishay Siliconix
IRFR9120 VISHAY-IRFR9120 Datasheet
1Mb / 8P
Power MOSFET
17-Jun-08
logo
Kersemi Electronic Co.,...
IRFR9120 KERSEMI-IRFR9120 Datasheet
4Mb / 7P
Power MOSFET
IRFR9120 KERSEMI-IRFR9120 Datasheet
4Mb / 7P
Power MOSFET
More results


Similar Description - IRFR9120

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Cystech Electonics Corp...
MTE300P10KN3 CYSTEKEC-MTE300P10KN3 Datasheet
471Kb / 9P
100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP10H4D2S DIODES-DMP10H4D2S Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17GQ DIODES-ZXMP10A17GQ Datasheet
216Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shenzhen Huazhimei Semi...
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
100V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
FDMS86163P LEIDITECH-FDMS86163P Datasheet
2Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.09.2021
FQD8P10TM_F085 LEIDITECH-FQD8P10TM_F085 Datasheet
1Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com