Electronic Components Datasheet Search
  English  ▼

X  

1849972 Datasheet (PDF) - PHOENIX CONTACT

1849972 Datasheet PDF - PHOENIX CONTACT
Part # 1849972
Download  1849972 Download
File Size   681.54 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GIC 2,5/11-STGF-7,62 - PCB connector

1849972 Datasheet (PDF)

Go To PDF Page Download Datasheet
1849972 Datasheet PDF - PHOENIX CONTACT

Part # 1849972
Download  1849972 Click to download

File Size   681.54 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GIC 2,5/11-STGF-7,62 - PCB connector

1849972 Datasheet (HTML) - PHOENIX CONTACT


1849972 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 630 V, contact surface: Tin, contact connection type: Pin, number of potentials: 11,
number of rows: 1, number of positions: 11, number of connections: 11, product range: GIC 2,5/..
-STGF, pitch: 7.62 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plugin
system: COMBICON MSTB 2,5, locking: Screw locking mechanism, mounting: Threaded
flange, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Larger pitch for increased voltage requirements
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections




Similar Part No. - 1849972

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1849901 PHOENIX-1849901 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 4-STGF-7,62
1849914 PHOENIX-1849914 Datasheet
188Kb / 5P
GMSTB 2,5/ 5-STF-7,62
1849927 PHOENIX-1849927 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 6-STGF-7,62
1849930 PHOENIX-1849930 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 7-STGF-7,62
1849943 PHOENIX-1849943 Datasheet
145Kb / 5P
GMVSTBR 2,5/ 8-STF-7,62
More results


Similar Description - 1849972

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1745878 PHOENIX-1745878 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/11-G-7,62
1828896 PHOENIX-1828896 Datasheet
140Kb / 5P
GIC 2,5/11-ST-7,62
1849956 PHOENIX-1849956 Datasheet
93Kb / 5P
Printed-circuit board connector - GIC 2,5/ 9-STGF-7,62
1849930 PHOENIX-1849930 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 7-STGF-7,62
1849927 PHOENIX-1849927 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 6-STGF-7,62
1849901 PHOENIX-1849901 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 4-STGF-7,62
1858882 PHOENIX-1858882 Datasheet
561Kb / 14P
GIC 2,5/ 3-STF-7,62 - PCB connector
1745661 PHOENIX-1745661 Datasheet
588Kb / 13P
GIC 2,5 HCV/ 6-ST-7,62 - PCB connector
1825598 PHOENIX-1825598 Datasheet
851Kb / 19P
IC 2,5/11-STGF-5,08 - PCB connector
1828854 PHOENIX-1828854 Datasheet
886Kb / 17P
GIC 2,5/ 7-ST-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com