Electronic Components Datasheet Search
  English  ▼

X  

1828854 Datasheet (PDF) - PHOENIX CONTACT

1828854 Datasheet PDF - PHOENIX CONTACT
Part # 1828854
Download  1828854 Download
File Size   886.73 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GIC 2,5/ 7-ST-7,62 - PCB connector

1828854 Datasheet (PDF)

Go To PDF Page Download Datasheet
1828854 Datasheet PDF - PHOENIX CONTACT

Part # 1828854
Download  1828854 Click to download

File Size   886.73 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GIC 2,5/ 7-ST-7,62 - PCB connector

1828854 Datasheet (HTML) - PHOENIX CONTACT


1828854 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 630 V, contact surface: Tin, contact connection type: Pin, number of potentials: 7,
number of rows: 1, number of positions: 7, number of connections: 7, product range: GIC 2,5/..-
ST, pitch: 7.62 mm, connection method: Screw connection with tension sleeve, screw head form:
L Slotted, conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting: without, type of packaging: packed
in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Larger pitch for increased voltage requirements
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections




Similar Part No. - 1828854

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1828850000 WEIDMULLER-1828850000 Datasheet
401Kb / 5P
SLDV-THR 5.08/20/180F 3.2SN BK BX
logo
Bahco
1828851 BAHCO-1828851 Datasheet
102Kb / 2P
Combination spanner, offset, 111M
More results


Similar Description - 1828854

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1828825 PHOENIX-1828825 Datasheet
99Kb / 7P
Printed-circuit board connector - GIC 2,5/ 4-ST-7,62
1828906 PHOENIX-1828906 Datasheet
76Kb / 5P
Printed-circuit board connector - GIC 2,5/12-ST-7,62
1828896 PHOENIX-1828896 Datasheet
140Kb / 5P
GIC 2,5/11-ST-7,62
1828867 PHOENIX-1828867 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 8-ST-7,62
1745632 PHOENIX-1745632 Datasheet
124Kb / 8P
Plug - GIC 2,5 HCV/ 3-ST-7,62
09/12/2020
1745629 PHOENIX-1745629 Datasheet
595Kb / 13P
PCB connector - GIC 2,5 HCV/ 2-ST-7,62
1858882 PHOENIX-1858882 Datasheet
561Kb / 14P
GIC 2,5/ 3-STF-7,62 - PCB connector
1745645 PHOENIX-1745645 Datasheet
591Kb / 13P
GIC 2,5 HCV/ 4-ST-7,62 - PCB connector
1745661 PHOENIX-1745661 Datasheet
588Kb / 13P
GIC 2,5 HCV/ 6-ST-7,62 - PCB connector
1745674 PHOENIX-1745674 Datasheet
587Kb / 13P
GIC 2,5 HCV/ 7-ST-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com