Electronic Components Datasheet Search
  English  ▼

X  

1766974 Datasheet (PDF) - PHOENIX CONTACT

1766974 Datasheet PDF - PHOENIX CONTACT
Part # 1766974
Download  1766974 Download
File Size   566.29 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTB 2,5/11-ST - PCB connector

1766974 Datasheet (PDF)

Go To PDF Page Download Datasheet
1766974 Datasheet PDF - PHOENIX CONTACT

Part # 1766974
Download  1766974 Click to download

File Size   566.29 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTB 2,5/11-ST - PCB connector

1766974 Datasheet (HTML) - PHOENIX CONTACT


1766974 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 630 V, contact surface: Tin, contact connection type: Socket, number of potentials:
11, number of rows: 1, number of positions: 11, number of connections: 11, product range:
GMSTB 2,5/..-ST, pitch: 7.5 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip,
plug-in system: COMBICON MSTB 2,5, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Plugs for 630 V applications (III/2)




Similar Part No. - 1766974

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1766970 PHOENIX-1766970 Datasheet
240Kb / 8P
ZFKKDSA 1,5-5,08-26 - PCB terminal block
More results


Similar Description - 1766974

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1766880 PHOENIX-1766880 Datasheet
136Kb / 5P
GMSTB 2,5/ 2-ST
1766893 PHOENIX-1766893 Datasheet
136Kb / 5P
GMSTB 2,5/ 3-ST
1766903 PHOENIX-1766903 Datasheet
136Kb / 5P
GMSTB 2,5/ 4-ST
1714362 PHOENIX-1714362 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/11-ST-7,62
1767070 PHOENIX-1767070 Datasheet
141Kb / 5P
GMSTB 2,5/ 9-ST-7,62
1812843 PHOENIX-1812843 Datasheet
160Kb / 10P
Printed-circuit board connector - GMSTB 2,5 HCV/11-ST-7,62-LR
1714294 PHOENIX-1714294 Datasheet
666Kb / 15P
PCB connector - GMSTB 2,5 HCV/ 4-ST-7,62
Sep 8, 2022
1714304 PHOENIX-1714304 Datasheet
664Kb / 15P
PCB connector - GMSTB 2,5 HCV/ 5-ST-7,62
Jan 10, 2023
1812788 PHOENIX-1812788 Datasheet
541Kb / 15P
PCB connector - GMSTB 2,5 HCV/ 5-ST-7,62-LR
Jan 5, 2023
1812801 PHOENIX-1812801 Datasheet
540Kb / 15P
GMSTB 2,5 HCV/ 7-ST-7,62-LR - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com