Electronic Components Datasheet Search
  English  ▼

X  

1766970 Datasheet (PDF) - PHOENIX CONTACT

1766970 Datasheet PDF - PHOENIX CONTACT
Part # 1766970
Download  1766970 Download
File Size   240.78 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKKDSA 1,5-5,08-26 - PCB terminal block

1766970 Datasheet (PDF)

Go To PDF Page Download Datasheet
1766970 Datasheet PDF - PHOENIX CONTACT

Part # 1766970
Download  1766970 Click to download

File Size   240.78 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKKDSA 1,5-5,08-26 - PCB terminal block

1766970 Datasheet (HTML) - PHOENIX CONTACT


1766970 Product details

PCB terminal block, nominal current: 12 A, rated voltage (III/2): 400 V, nominal cross section: 1.5
mm2, number of potentials: 52, number of rows: 2, number of positions per row: 26, product
range: ZFKKDS(A) 1,5, pitch: 5.08 mm, connection method: Spring-cage connection, mounting:
Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Conductor connection on several levels enables higher contact density
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1766970

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1766974 PHOENIX-1766974 Datasheet
566Kb / 16P
GMSTB 2,5/11-ST - PCB connector
More results


Similar Description - 1766970

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701649 PHOENIX-1701649 Datasheet
98Kb / 4P
PCB terminal block - ZFKKDSA 1,5-5,08-20
1704415 PHOENIX-1704415 Datasheet
103Kb / 5P
PCB terminal block - ZFK3DS 1,5-5,08
1706753 PHOENIX-1706753 Datasheet
154Kb / 8P
PCB terminal block - MKDSN 1,5/15-5,08
1715381 PHOENIX-1715381 Datasheet
46Kb / 3P
PCB terminal block - MKDSL 1,5/ 3-5,08
1870912 PHOENIX-1870912 Datasheet
50Kb / 3P
PCB terminal block - ZFKKDSA 1,5-6,08 BK
1891030 PHOENIX-1891030 Datasheet
43Kb / 2P
PCB terminal block - ZFKKDSA 1,5-5,08- 8
1891522 PHOENIX-1891522 Datasheet
43Kb / 2P
PCB terminal block - ZFKKDSA 1,5-5,08- 2
1891742 PHOENIX-1891742 Datasheet
44Kb / 3P
PCB terminal block - ZFKKDSA 1,5-5,08- 5
1891755 PHOENIX-1891755 Datasheet
49Kb / 3P
PCB terminal block - ZFKKDSA 1,5-5,08-16
1891768 PHOENIX-1891768 Datasheet
44Kb / 3P
PCB terminal block - ZFKKDSA 1,5-5,08-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com