Electronic Components Datasheet Search
  English  ▼

X  

SI2318A Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

SI2318A Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # SI2318A
Download  SI2318A Download
File Size   1828.55 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description SOT-23-3L Plastic-Encapsulate MOSFETS

SI2318A Datasheet (PDF)

Go To PDF Page Download Datasheet
SI2318A Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # SI2318A
Download  SI2318A Click to download

File Size   1828.55 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description SOT-23-3L Plastic-Encapsulate MOSFETS

SI2318A Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


SI2318A Product details

Features
VDS (V) = 40V
ID = 5.6 A (VGS = 10V)
RDS(ON) < 42mΩ (VGS = 10V)
RDS(ON) < 51mΩ (VGS = 4.5V)
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish




Similar Part No. - SI2318A

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SI2318A UMW-SI2318A Datasheet
2Mb / 6P
40V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SI2318ADS-T1-GE3 VBSEMI-SI2318ADS-T1-GE3 Datasheet
476Kb / 9P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - SI2318A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMBTA44 ETC-MMBTA44 Datasheet
34Kb / 1P
SOT-23-3L Plastic-Encapsulate Transistors
logo
Avic Technology
MMBTA44 AVICTEK-MMBTA44 Datasheet
50Kb / 1P
SOT-23-3L Plastic-Encapsulate Transistors
MMBTA94 AVICTEK-MMBTA94 Datasheet
51Kb / 1P
SOT-23-3L Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
SE2303 WILLAS-SE2303 Datasheet
403Kb / 4P
SOT-23 Plastic-Encapsulate MOSFETS
SE2304 WILLAS-SE2304 Datasheet
420Kb / 4P
SOT-23 Plastic-Encapsulate MOSFETS
logo
ZP Semiconductor
CJ8810 ZPSEMI-CJ8810 Datasheet
933Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
logo
Jiangsu High diode Semi...
1N5817W HDSEMI-1N5817W Datasheet
1Mb / 3P
SOT-23-3L Plastic-Encapsulate Diodes
logo
Jiangsu Changjiang Elec...
2SC3138 JIANGSU-2SC3138 Datasheet
740Kb / 4P
SOT-23-3L Plastic-Encapsulate Transistors
logo
Guangdong Youtai Semico...
SI2309A UMW-SI2309A Datasheet
1Mb / 6P
SOT-23-3L Plastic-Encapsulate MOSFETS
AO3423A UMW-AO3423A Datasheet
394Kb / 3P
SOT-23-3L Plastic-Encapsulate MOSFETS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com