Electronic Components Datasheet Search
  English  ▼

X  

SI2318A Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SI2318A Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # SI2318A
Download  SI2318A Download
File Size   2091.06 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 40V N-Channel MOSFET

SI2318A Datasheet (PDF)

Go To PDF Page Download Datasheet
SI2318A Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # SI2318A
Download  SI2318A Click to download

File Size   2091.06 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 40V N-Channel MOSFET

SI2318A Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SI2318A Product details

■ Features
● VDS (V) = 40V
● ID = 5.6 A (VGS = 10V)
● RDS(ON) < mΩ (VGS = 10V)
● RDS(ON) < mΩ (VGS = 4.5V)
36
46




Similar Part No. - SI2318A

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
SI2318A EVVOSEMI-SI2318A Datasheet
1Mb / 6P
SOT-23-3L Plastic-Encapsulate MOSFETS
Rev:2023A2
logo
VBsemi Electronics Co.,...
SI2318ADS-T1-GE3 VBSEMI-SI2318ADS-T1-GE3 Datasheet
476Kb / 9P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - SI2318A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
40V N-Channel MOSFET
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
40V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com