Electronic Components Datasheet Search
  English  ▼

X  

1847495 Datasheet (PDF) - PHOENIX CONTACT

1847495 Datasheet PDF - PHOENIX CONTACT
Part # 1847495
Download  1847495 Download
File Size   535.47 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 5-GF-5,08 - PCB header

1847495 Datasheet (PDF)

Go To PDF Page Download Datasheet
1847495 Datasheet PDF - PHOENIX CONTACT

Part # 1847495
Download  1847495 Click to download

File Size   535.47 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 5-GF-5,08 - PCB header

1847495 Datasheet (HTML) - PHOENIX CONTACT


1847495 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 5, number
of rows: 1, number of positions: 5, number of connections: 5, product range: MC 1,5/..-GF, pitch:
5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm, number
of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector pattern
alignment: Standard, locking: Screw locking mechanism, mounting: Threaded flange, type of
packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1847495

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
184749-01 NI-184749-01 Datasheet
823Kb / 4P
Configurable Signal Conditioning Enclosure
logo
PHOENIX CONTACT
1847494 PHOENIX-1847494 Datasheet
243Kb / 9P
FFKDS/V2-5,08 BK - PCB terminal block
More results


Similar Description - 1847495

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1847482 PHOENIX-1847482 Datasheet
251Kb / 8P
PCB header - MC 1,5/ 4-GF-5,08
02/04/2022
1827897 PHOENIX-1827897 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 5-GF-3,81
Jul 20, 2022
1847479 PHOENIX-1847479 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 3-GF-5,08
Nov 30, 2022
1847466 PHOENIX-1847466 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 2-GF-5,08
Jan 5, 2023
1847505 PHOENIX-1847505 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 6-GF-5,08
Jan 5, 2023
1847547 PHOENIX-1847547 Datasheet
548Kb / 12P
PCB header - MC 1,5/10-GF-5,08
Jan 10, 2023
1847563 PHOENIX-1847563 Datasheet
548Kb / 12P
PCB header - MC 1,5/12-GF-5,08
Jan 4, 2023
1843826 PHOENIX-1843826 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 5-GF-3,5
1789229 PHOENIX-1789229 Datasheet
741Kb / 16P
MC 1,5/ 5-GF-3,5 P26 THR - PCB header
1847521 PHOENIX-1847521 Datasheet
547Kb / 12P
MC 1,5/ 8-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com