Electronic Components Datasheet Search
  English  ▼

X  

1847494 Datasheet (PDF) - PHOENIX CONTACT

1847494 Datasheet PDF - PHOENIX CONTACT
Part # 1847494
Download  1847494 Download
File Size   243.75 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDS/V2-5,08 BK - PCB terminal block

1847494 Datasheet (PDF)

Go To PDF Page Download Datasheet
1847494 Datasheet PDF - PHOENIX CONTACT

Part # 1847494
Download  1847494 Click to download

File Size   243.75 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDS/V2-5,08 BK - PCB terminal block

1847494 Datasheet (HTML) - PHOENIX CONTACT


1847494 Product details

PCB terminal block, nominal current: 15 A, rated voltage (III/2): 400 V, nominal cross section: 1.5
mm2, number of potentials: 1, number of rows: 1, number of positions per row: 1, product range:
FFKDS(A)/V2, pitch: 5.08 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 90 °, color: black, Pin layout: Linear pinning,
Solder pin [P]: 3.4 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots
• The latching on the side enables various numbers of positions to be combined
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1847494

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
184749-01 NI-184749-01 Datasheet
823Kb / 4P
Configurable Signal Conditioning Enclosure
logo
PHOENIX CONTACT
1847495 PHOENIX-1847495 Datasheet
535Kb / 12P
MC 1,5/ 5-GF-5,08 - PCB header
More results


Similar Description - 1847494

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1789647 PHOENIX-1789647 Datasheet
83Kb / 5P
PCB terminal block - FFKDS/V-3,81
1790348 PHOENIX-1790348 Datasheet
136Kb / 5P
FFKDS/V2-5,08
1801133 PHOENIX-1801133 Datasheet
43Kb / 2P
PCB terminal block - ZFKKDS 2,5-5,08 BK
1870925 PHOENIX-1870925 Datasheet
42Kb / 2P
PCB terminal block - ZFKKDS 1,5-5,08 BK
1890154 PHOENIX-1890154 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V2-5,08- 7
1890167 PHOENIX-1890167 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V2-5,08- 3
1907937 PHOENIX-1907937 Datasheet
43Kb / 2P
PCB terminal block - ZFK3DS 1,5-5,08 BK
1930771 PHOENIX-1930771 Datasheet
45Kb / 2P
PCB terminal block - FFKDSA1/ V2-5,08-16
1790461 PHOENIX-1790461 Datasheet
357Kb / 9P
PCB terminal block - FFKDS/H2-5,08
Jan 10, 2023
1700677 PHOENIX-1700677 Datasheet
238Kb / 8P
FFKDSA1/V2-5,08- 8 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com