Electronic Components Datasheet Search
  English  ▼

X  

SB8200D Datasheet (PDF) - Won-Top Electronics

SB8200D Datasheet PDF - Won-Top Electronics
Part # SB8200D
Download  SB8200D Download
File Size   54.56 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 8.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SB8200D Datasheet (PDF)

Go To PDF Page Download Datasheet
SB8200D Datasheet PDF - Won-Top Electronics

Part # SB8200D
Download  SB8200D Click to download

File Size   54.56 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 8.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SB8200D Datasheet (HTML) - Won-Top Electronics


SB8200D Product details

Schottky Barrier Chip
Guard Ring for Transient Protection
Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Current Capability
Epoxy Meet UL 94V-0 Classification
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Switching
Power Supplies




Similar Part No. - SB8200D

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SB8200DC ZSELEC-SB8200DC Datasheet
147Kb / 2P
8.0 A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB8200DC WTE-SB8200DC Datasheet
54Kb / 4P
8.0A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
SB8200DC-T3 WTE-SB8200DC-T3 Datasheet
54Kb / 4P
8.0A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
More results


Similar Description - SB8200D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB820D WTE-SB820D Datasheet
44Kb / 3P
8.0A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820CS WTE-SD820CS Datasheet
44Kb / 3P
8.0A KPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820S WTE-SD820S Datasheet
43Kb / 3P
8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820YS WTE-SD820YS Datasheet
44Kb / 3P
8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820D WTE-SB820D_06 Datasheet
49Kb / 4P
8.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820DC WTE-SB820DC Datasheet
49Kb / 4P
8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB8150 WTE-SB8150 Datasheet
48Kb / 4P
8.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB8150D WTE-SB8150D Datasheet
47Kb / 4P
8.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB8150DC WTE-SB8150DC Datasheet
47Kb / 4P
8.0A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB8150F WTE-SB8150F Datasheet
47Kb / 4P
8.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com