Electronic Components Datasheet Search
  English  ▼

X  

SB8200DC Datasheet (PDF) - Won-Top Electronics

SB8200DC Datasheet PDF - Won-Top Electronics
Part # SB8200DC
Download  SB8200DC Download
File Size   54.92 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 8.0A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER

SB8200DC Datasheet (PDF)

Go To PDF Page Download Datasheet
SB8200DC Datasheet PDF - Won-Top Electronics

Part # SB8200DC
Download  SB8200DC Click to download

File Size   54.92 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 8.0A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER

SB8200DC Datasheet (HTML) - Won-Top Electronics


SB8200DC Product details

Low Forward Voltage
Epitaxial Construction with Oxide Passivation
Guard Ring for Transient and ESD Protection
Surge Overload Rating to 150A Peak
Low Power Loss, High Efficiency
Fast Switching
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Switching
Power Supplies




Similar Part No. - SB8200DC

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SB8200DC ZSELEC-SB8200DC Datasheet
147Kb / 2P
8.0 A SCHOTTKY BARRIER DIODE
More results


Similar Description - SB8200DC

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SD820CS WTE-SD820CS Datasheet
44Kb / 3P
8.0A KPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820S WTE-SD820S Datasheet
43Kb / 3P
8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820D WTE-SB820D_06 Datasheet
49Kb / 4P
8.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820DC WTE-SB820DC Datasheet
49Kb / 4P
8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB8150CT WTE-SB8150CT Datasheet
49Kb / 4P
8.0A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB8150D WTE-SB8150D Datasheet
47Kb / 4P
8.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB8150DC WTE-SB8150DC Datasheet
47Kb / 4P
8.0A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB8150F WTE-SB8150F Datasheet
47Kb / 4P
8.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB8150FCT WTE-SB8150FCT Datasheet
48Kb / 4P
8.0A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB8150FCT WTE-SB8150FCT_08 Datasheet
59Kb / 4P
8.0A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com