Electronic Components Datasheet Search
  English  ▼

X  

1889097 Datasheet (PDF) - PHOENIX CONTACT

1889097 Datasheet PDF - PHOENIX CONTACT
Part # 1889097
Download  1889097 Download
File Size   371.52 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 3/16-5,08 - PCB terminal block

1889097 Datasheet (PDF)

Go To PDF Page Download Datasheet
1889097 Datasheet PDF - PHOENIX CONTACT

Part # 1889097
Download  1889097 Click to download

File Size   371.52 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 3/16-5,08 - PCB terminal block

1889097 Datasheet (HTML) - PHOENIX CONTACT


1889097 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 16, number of rows: 1, number of positions per row: 16, product
range: MKDS 3, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °,
color: green, Pin layout: Linear pinning, Solder pin [P]: 5 mm, number of solder pins per
potential: 1, type of packaging: packed in cardboard. The article can be aligned to create
different nos. of positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1889097

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1889 ETC2-1889 Datasheet
230Kb / 1P
THREADED STANDOFFS
logo
Keystone Electronics Co...
1889 KEYSTONE-1889 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
logo
PHOENIX CONTACT
1889178 PHOENIX-1889178 Datasheet
42Kb / 2P
PCB terminal block - ZFKDS 1,5-5,08 OG
logo
Weidmuller
1889220000 WEIDMULLER-1889220000 Datasheet
438Kb / 4P
SLDV-THR 5.08/34/180FLF 3.2SN BK BX
logo
PHOENIX CONTACT
1889259 PHOENIX-1889259 Datasheet
107Kb / 5P
PCB terminal block - ZFKDS 1.5C-5.0
More results


Similar Description - 1889097

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701144 PHOENIX-1701144 Datasheet
146Kb / 8P
PCB terminal block - MKDS 3/ 6-5,08
1707917 PHOENIX-1707917 Datasheet
110Kb / 7P
PCB terminal block - MKDS 3/ 3-B-5,08
1711835 PHOENIX-1711835 Datasheet
101Kb / 6P
PCB terminal block - MKDS 3/ 3-5,08 BU
1715792 PHOENIX-1715792 Datasheet
65Kb / 5P
PCB terminal block - MKDS 1,5/ 3-5,08 BU
1730405 PHOENIX-1730405 Datasheet
109Kb / 6P
PCB terminal block - MKDS 2,5/ 3-5,08
1718414 PHOENIX-1718414 Datasheet
155Kb / 12P
PCB terminal block - MKDS 3/10-5,08
09/11/2020
1758658 PHOENIX-1758658 Datasheet
367Kb / 10P
PCB terminal block - MKDS 3/ 7-5,08
Dec 30, 2022
1701303 PHOENIX-1701303 Datasheet
422Kb / 12P
PCB terminal block - MKDS 1,5/16-5,08
Jan 10, 2023
1905201 PHOENIX-1905201 Datasheet
432Kb / 13P
PCB terminal block - MKDS 3/ 5-5,08
1714308 PHOENIX-1714308 Datasheet
441Kb / 13P
MKDS 3/12-5,08 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com