Electronic Components Datasheet Search
  English  ▼

X  

1905201 Datasheet (PDF) - PHOENIX CONTACT

1905201 Datasheet PDF - PHOENIX CONTACT
Part # 1905201
Download  1905201 Download
File Size   432.8 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKDS 3/ 5-5,08

1905201 Datasheet (PDF)

Go To PDF Page Download Datasheet
1905201 Datasheet PDF - PHOENIX CONTACT

Part # 1905201
Download  1905201 Click to download

File Size   432.8 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKDS 3/ 5-5,08

1905201 Datasheet (HTML) - PHOENIX CONTACT


1905201 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 5, number of rows: 1, number of positions per row: 5, product range:
MKDS 3, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 5 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard. The article can be aligned to create different nos. of
positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1905201

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1905214 PHOENIX-1905214 Datasheet
76Kb / 3P
ZFKDSA 2,5-6,08 R
1905214 PHOENIX-1905214 Datasheet
99Kb / 4P
ZFKDS 2,5-5,08 L
1905227 PHOENIX-1905227 Datasheet
133Kb / 5P
ZFKKDS 2,5-5,08
logo
Weidmuller
1905270000 WEIDMULLER-1905270000 Datasheet
93Kb / 2P
MOPL K2 N FE
1905270000 WEIDMULLER-1905270000 Datasheet
285Kb / 6P
KLIPPON K2 RAL7001
More results


Similar Description - 1905201

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701144 PHOENIX-1701144 Datasheet
146Kb / 8P
PCB terminal block - MKDS 3/ 6-5,08
1707917 PHOENIX-1707917 Datasheet
110Kb / 7P
PCB terminal block - MKDS 3/ 3-B-5,08
1711631 PHOENIX-1711631 Datasheet
88Kb / 5P
PCB terminal block - MKDS 3/ 5
1711835 PHOENIX-1711835 Datasheet
101Kb / 6P
PCB terminal block - MKDS 3/ 3-5,08 BU
1715750 PHOENIX-1715750 Datasheet
154Kb / 8P
PCB terminal block - MKDS 1,5/ 5-5,08
1730405 PHOENIX-1730405 Datasheet
109Kb / 6P
PCB terminal block - MKDS 2,5/ 3-5,08
1730421 PHOENIX-1730421 Datasheet
108Kb / 5P
PCB terminal block - MKDS 2,5/ 5-5,08
1718414 PHOENIX-1718414 Datasheet
155Kb / 12P
PCB terminal block - MKDS 3/10-5,08
09/11/2020
1758658 PHOENIX-1758658 Datasheet
367Kb / 10P
PCB terminal block - MKDS 3/ 7-5,08
Dec 30, 2022
1714308 PHOENIX-1714308 Datasheet
441Kb / 13P
MKDS 3/12-5,08 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com