Electronic Components Datasheet Search
  English  ▼

X  

1521973 Datasheet (PDF) - PHOENIX CONTACT

1521973 Datasheet PDF - PHOENIX CONTACT
Part # 1521973
Download  1521973 Download
File Size   588.37 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P- 3,0-PUR/M 8FR SH - Sensor/actuator cable

1521973 Datasheet (PDF)

Go To PDF Page Download Datasheet
1521973 Datasheet PDF - PHOENIX CONTACT

Part # 1521973
Download  1521973 Click to download

File Size   588.37 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P- 3,0-PUR/M 8FR SH - Sensor/actuator cable

1521973 Datasheet (HTML) - PHOENIX CONTACT


1521973 Product details

Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, shielded (Braided
copper wires), free cable end, on Socket angled M8, coding: A, cable length: 3 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1521973

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1521902 PHOENIX-1521902 Datasheet
621Kb / 17P
SAC-4P-M 8MR SH/.../... - Sensor/actuator cable
logo
Weidmuller
1521910000 WEIDMULLER-1521910000 Datasheet
61Kb / 1P
SL 5.08/2/135B
logo
PHOENIX CONTACT
1521915 PHOENIX-1521915 Datasheet
556Kb / 17P
SAC-4P- 1,5-PUR/M 8FS SH - Sensor/actuator cable
1521928 PHOENIX-1521928 Datasheet
556Kb / 17P
SAC-4P- 3,0-PUR/M 8FS SH - Sensor/actuator cable
1521931 PHOENIX-1521931 Datasheet
556Kb / 17P
SAC-4P- 5,0-PUR/M 8FS SH - Sensor/actuator cable
More results


Similar Description - 1521973

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415583 PHOENIX-1415583 Datasheet
178Kb / 12P
Sensor/actuator cable - SAC-4P-M 8MR/3,0-PVC/M 8FR
09/11/2020
1521960 PHOENIX-1521960 Datasheet
162Kb / 13P
Sensor/actuator cable - SAC-4P- 1,5-PUR/M 8FR SH
09/11/2020
1521986 PHOENIX-1521986 Datasheet
162Kb / 13P
Sensor/actuator cable - SAC-4P- 5,0-PUR/M 8FR SH
09/11/2020
1671784 PHOENIX-1671784 Datasheet
138Kb / 11P
Sensor/actuator cable - SAC-3PQ-3,0-PUR/M 8FR
09/11/2020
1682090 PHOENIX-1682090 Datasheet
171Kb / 13P
Sensor/actuator cable - SAC-3P-M 8MR/ 3,0-PUR/M 8FR
09/11/2020
1476854 PHOENIX-1476854 Datasheet
318Kb / 7P
SAC-4P-P12MS/ 3,0-PUR SH - Sensor/actuator cable
1476843 PHOENIX-1476843 Datasheet
313Kb / 7P
SAC-4P- 3,0-PUR/P12FS SH - Sensor/actuator cable
1476839 PHOENIX-1476839 Datasheet
313Kb / 7P
SAC-4P- 3,0-PUR/P12FR SH - Sensor/actuator cable
1476877 PHOENIX-1476877 Datasheet
343Kb / 8P
SAC-4P-P12MS/ 3,0-PUR/P12FS SH - Sensor/actuator cable
1476848 PHOENIX-1476848 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 3,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com