Electronic Components Datasheet Search
  English  ▼

X  

1521915 Datasheet (PDF) - PHOENIX CONTACT

1521915 Datasheet PDF - PHOENIX CONTACT
Part # 1521915
Download  1521915 Download
File Size   556.46 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P- 1,5-PUR/M 8FS SH - Sensor/actuator cable

1521915 Datasheet (PDF)

Go To PDF Page Download Datasheet
1521915 Datasheet PDF - PHOENIX CONTACT

Part # 1521915
Download  1521915 Click to download

File Size   556.46 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P- 1,5-PUR/M 8FS SH - Sensor/actuator cable

1521915 Datasheet (HTML) - PHOENIX CONTACT


1521915 Product details

Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, shielded (Braided
copper wires), free cable end, on Socket straight M8, coding: A, cable length: 1.5 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1521915

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1521910000 WEIDMULLER-1521910000 Datasheet
61Kb / 1P
SL 5.08/2/135B
More results


Similar Description - 1521915

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1521960 PHOENIX-1521960 Datasheet
162Kb / 13P
Sensor/actuator cable - SAC-4P- 1,5-PUR/M 8FR SH
09/11/2020
1562495 PHOENIX-1562495 Datasheet
106Kb / 5P
Sensor/actuator cable - SAC-4P-M 8MS/0,15-PUR/M 8FS
12/06/2018
1682236 PHOENIX-1682236 Datasheet
164Kb / 13P
Sensor/actuator cable - SAC-4P-M 8MR/0,6-PUR/M 8FS
09/11/2020
1694923 PHOENIX-1694923 Datasheet
156Kb / 12P
Sensor/actuator cable - SAC-4P-M12MS/0,3-PUR/M 8FS
09/11/2020
1476844 PHOENIX-1476844 Datasheet
313Kb / 7P
SAC-4P- 1,5-PUR/P12FS SH - Sensor/actuator cable
1476850 PHOENIX-1476850 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
1476855 PHOENIX-1476855 Datasheet
318Kb / 7P
SAC-4P-P12MS/ 1,5-PUR SH - Sensor/actuator cable
1224173 PHOENIX-1224173 Datasheet
342Kb / 8P
SAC-4P-P12MS/ 1,5-PUR/P12FS SH - Sensor/actuator cable
1224179 PHOENIX-1224179 Datasheet
380Kb / 8P
SAC-4P-P12MS/ 1,5-PUR/P12FR SH - Sensor/actuator cable
1224204 PHOENIX-1224204 Datasheet
380Kb / 8P
SAC-4P-P12MR/ 1,5-PUR/P12FS SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com