Electronic Components Datasheet Search
  English  ▼

X  

1788929 Datasheet (PDF) - PHOENIX CONTACT

1788929 Datasheet PDF - PHOENIX CONTACT
Part # 1788929
Download  1788929 Download
File Size   763.4 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/12-G-3,5 P20 THR - PCB header

1788929 Datasheet (PDF)

Go To PDF Page Download Datasheet
1788929 Datasheet PDF - PHOENIX CONTACT

Part # 1788929
Download  1788929 Click to download

File Size   763.4 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/12-G-3,5 P20 THR - PCB header

1788929 Datasheet (HTML) - PHOENIX CONTACT


1788929 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 12,
number of rows: 1, number of positions: 12, number of connections: 12, product range: MC 1,5/..
-G-THR, pitch: 3.5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2
mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1788929

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1788923 PHOENIX-1788923 Datasheet
456Kb / 17P
MSTBVK 2,5/22-G-5,08 - DIN rail connector
More results


Similar Description - 1788929

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1830715 PHOENIX-1830715 Datasheet
138Kb / 5P
Feed-through header - IMCV 1,5/ 2-G-3,5 P20 THR
1830757 PHOENIX-1830757 Datasheet
138Kb / 5P
Feed-through header - IMCV 1,5/ 6-G-3,5 P20 THR
1830964 PHOENIX-1830964 Datasheet
151Kb / 6P
Feed-through header - IMCV 1,5/12-G-3,5 RN P20 THR
1844317 PHOENIX-1844317 Datasheet
162Kb / 5P
MC 1,5/12-G-3,5
1830511 PHOENIX-1830511 Datasheet
118Kb / 4P
Base strip - IMC 1,5/12-G-3,5 P20 THR
1830663 PHOENIX-1830663 Datasheet
118Kb / 4P
Base strip - IMC 1,5/12-G-3,5 RN P20 THR
1788563 PHOENIX-1788563 Datasheet
790Kb / 16P
PCB header - MC 1,5/ 5-G-3,5 P26 THR
Nov 30, 2022
1829124 PHOENIX-1829124 Datasheet
624Kb / 11P
PCB header - MC 1,5/20-G-3,81 P20 THR
Jan 3, 2023
1789423 PHOENIX-1789423 Datasheet
591Kb / 11P
MC 1,5/ 4-GF-3,5 P20 THR - PCB header
1713373 PHOENIX-1713373 Datasheet
488Kb / 12P
MC 1,5/16-GF-3,5 P20 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com