Electronic Components Datasheet Search
  English  ▼

X  

1788923 Datasheet (PDF) - PHOENIX CONTACT

1788923 Datasheet PDF - PHOENIX CONTACT
Part # 1788923
Download  1788923 Download
File Size   456.06 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBVK 2,5/22-G-5,08 - DIN rail connector

1788923 Datasheet (PDF)

Go To PDF Page Download Datasheet
1788923 Datasheet PDF - PHOENIX CONTACT

Part # 1788923
Download  1788923 Click to download

File Size   456.06 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBVK 2,5/22-G-5,08 - DIN rail connector

1788923 Datasheet (HTML) - PHOENIX CONTACT


1788923 Product details

DIN rail connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 22,
number of rows: 1, number of positions: 22, number of connections: 22, product range: MSTBVK
2,5/..-G, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, mounting: DIN rail, conductor/PCB connection direction: 0 °, plug-in system:
COMBICON MSTB 2,5, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Direct plug-in block for mounting on NS 15 DIN rail
• Can be combined with the MSTB 2,5 range
• Well-known connection principle allows worldwide use




Similar Part No. - 1788923

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1788929 PHOENIX-1788929 Datasheet
763Kb / 13P
MC 1,5/12-G-3,5 P20 THR - PCB header
More results


Similar Description - 1788923

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1788800 PHOENIX-1788800 Datasheet
162Kb / 10P
DIN rail connector - MSTBVK 2,5/10-G-5,08
09/12/2020
1803057 PHOENIX-1803057 Datasheet
418Kb / 13P
DIN rail connector - MSTBVK 2,5/12-GF-5,08
Jan 10, 2023
1849228 PHOENIX-1849228 Datasheet
415Kb / 13P
DIN rail connector - MSTBVK 2,5/16-STF-5,08
Jan 10, 2023
1788897 PHOENIX-1788897 Datasheet
434Kb / 14P
DIN rail connector - MSTBVK 2,5/19-G-5,08
1788842 PHOENIX-1788842 Datasheet
568Kb / 19P
MSTBVK 2,5/14-G-5,08 - DIN rail connector
1788978 PHOENIX-1788978 Datasheet
418Kb / 13P
MSTBVK 2,5/ 4-GF-5,08 - DIN rail connector
1789003 PHOENIX-1789003 Datasheet
419Kb / 13P
MSTBVK 2,5/ 7-GF-5,08 - DIN rail connector
1803015 PHOENIX-1803015 Datasheet
418Kb / 13P
MSTBVK 2,5/ 8-GF-5,08 - DIN rail connector
1803028 PHOENIX-1803028 Datasheet
420Kb / 13P
MSTBVK 2,5/ 9-GF-5,08 - DIN rail connector
1803138 PHOENIX-1803138 Datasheet
361Kb / 12P
MSTBVK 2,5/20-GF-5,08 - DIN rail connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com