Electronic Components Datasheet Search
  English  ▼

X  

1438182 Datasheet (PDF) - PHOENIX CONTACT

1438182 Datasheet PDF - PHOENIX CONTACT
Part # 1438182
Download  1438182 Download
File Size   494.1 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-P12MSD-4PL-CM SH PN - Connector

1438182 Datasheet (PDF)

Go To PDF Page Download Datasheet
1438182 Datasheet PDF - PHOENIX CONTACT

Part # 1438182
Download  1438182 Click to download

File Size   494.1 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-P12MSD-4PL-CM SH PN - Connector

1438182 Datasheet (HTML) - PHOENIX CONTACT


1438182 Product details

Connector, PROFINET CAT5 (100 Mbps), 4-position, shielded, Plug straight M12, coding: D,
Push-lock spring connection, knurl material: Zinc die-cast, nickel-plated, external cable diameter
4 mm ... 8 mm

Your advantages
• Time-saving Push-Lock connection: Tool-free connection and disconnection of conductors by opening the contact levers
• Intuitive connection: Easy assignment of individual litz wires with color-coded and numerical identification of the contact levers
• Integrated Push-in Technology: Wire rigid and pretreated conductors easily by means of simple, direct insertion
• Shock- and vibration-resistant connection: Proven spring-cage technology guarantees secure and reliable contacting
• Safely shielded: Reliable 360° shield connection even under extreme mechanical strain
• Save time, thanks to installation with push-pull fast locking




Similar Part No. - 1438182

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1438181 PHOENIX-1438181 Datasheet
1Mb / 8P
SACC-P12FR-5PL-CM SH - Connector
1438183 PHOENIX-1438183 Datasheet
500Kb / 10P
SACC-P12FSD-4PL-CM SH PN - Connector
1438184 PHOENIX-1438184 Datasheet
498Kb / 10P
SACC-P12MRD-4PL-CM SH PN - Connector
1438185 PHOENIX-1438185 Datasheet
501Kb / 10P
SACC-P12FRD-4PL-CM SH PN - Connector
More results


Similar Description - 1438182

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1021830 PHOENIX-1021830 Datasheet
95Kb / 4P
Connector - SACC-P12MSD-4CT-CM SH PN
1021831 PHOENIX-1021831 Datasheet
98Kb / 4P
Connector - SACC-P12MRD-4CT-CM SH PN
1151366 PHOENIX-1151366 Datasheet
577Kb / 13P
SACC-M12FST-4PL-CM - Power connector
1323169 PHOENIX-1323169 Datasheet
198Kb / 4P
SACC-M8MSD-4PL-CL SH PN - Data connector
1328199 PHOENIX-1328199 Datasheet
198Kb / 4P
SACC-M8FSD-4PL-CL SH PN - Data connector
1424669 PHOENIX-1424669 Datasheet
637Kb / 18P
SACC-M12FR-4PL SH - Connector
1424685 PHOENIX-1424685 Datasheet
669Kb / 19P
SACC-M12FRD-4PL SH PN - Data connector
1080218 PHOENIX-1080218 Datasheet
596Kb / 13P
SACC-M12FST-4PL-CM SH - Power connector
1422848 PHOENIX-1422848 Datasheet
535Kb / 17P
SACC-M12FSD-4CT-CM SH PN - Data connector
1080239 PHOENIX-1080239 Datasheet
596Kb / 13P
SACC-M12MSL-4PL-CM SH - Power connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com