Electronic Components Datasheet Search
  English  ▼

X  

1080239 Datasheet (PDF) - PHOENIX CONTACT

1080239 Datasheet PDF - PHOENIX CONTACT
Part # 1080239
Download  1080239 Download
File Size   596.72 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MSL-4PL-CM SH - Power connector

1080239 Datasheet (PDF)

Go To PDF Page Download Datasheet
1080239 Datasheet PDF - PHOENIX CONTACT

Part # 1080239
Download  1080239 Click to download

File Size   596.72 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MSL-4PL-CM SH - Power connector

1080239 Datasheet (HTML) - PHOENIX CONTACT


1080239 Product details

Power connector, Power, 4-position, shielded, Plug straight M12, L, Push-lock spring
connection, knurl material: Brass, nickel-plated, external cable diameter 6 mm ... 11 mm

Your advantages
• Time-saving Push-Lock connection: Tool-free connection and disconnection of conductors by opening the contact levers
• Intuitive connection: Easy assignment of individual litz wires with color-coded and numerical identification of the contact levers
• Integrated Push-in Technology: Wire rigid and pretreated conductors easily by means of simple, direct insertion
• Shock- and vibration-resistant connection: Proven spring-cage technology guarantees secure and reliable contacting
• Safely shielded: Reliable 360° shield connection even under extreme mechanical strain




Similar Part No. - 1080239

ManufacturerPart #DatasheetDescription
logo
SICK AG
1080231 SICK-1080231 Datasheet
817Kb / 7P
PHOTOELECTRIC SENSORS
logo
PHOENIX CONTACT
1080233 PHOENIX-1080233 Datasheet
598Kb / 13P
SACC-M12FSL-4FEPL-CL SH - Power connector
1080235 PHOENIX-1080235 Datasheet
597Kb / 13P
SACC-M12MSL-4FEPL-CL SH - Power connector
More results


Similar Description - 1080239

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1080235 PHOENIX-1080235 Datasheet
597Kb / 13P
SACC-M12MSL-4FEPL-CL SH - Power connector
1151366 PHOENIX-1151366 Datasheet
577Kb / 13P
SACC-M12FST-4PL-CM - Power connector
1424669 PHOENIX-1424669 Datasheet
637Kb / 18P
SACC-M12FR-4PL SH - Connector
1424685 PHOENIX-1424685 Datasheet
669Kb / 19P
SACC-M12FRD-4PL SH PN - Data connector
1027477 PHOENIX-1027477 Datasheet
455Kb / 12P
SACC-M12MSL-4FECT-CL SH - Power connector
1080218 PHOENIX-1080218 Datasheet
596Kb / 13P
SACC-M12FST-4PL-CM SH - Power connector
1027479 PHOENIX-1027479 Datasheet
532Kb / 11P
SACC-M12MSL-4CT-CM SH - Power connector
1080222 PHOENIX-1080222 Datasheet
610Kb / 14P
SACC-M12FSS-3PEPL-CM SH - Power connector
1027466 PHOENIX-1027466 Datasheet
455Kb / 12P
SACC-M12FST-4CT-CM SH - Power connector
1027467 PHOENIX-1027467 Datasheet
560Kb / 12P
SACC-M12MSS-3PECT-CM SH - Power connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com