Electronic Components Datasheet Search
  English  ▼

X  

1737705 Datasheet (PDF) - PHOENIX CONTACT

1737705 Datasheet PDF - PHOENIX CONTACT
Part # 1737705
Download  1737705 Download
File Size   332.92 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 5/ 3-9,52-Z - PCB terminal block

1737705 Datasheet (PDF)

Go To PDF Page Download Datasheet
1737705 Datasheet PDF - PHOENIX CONTACT

Part # 1737705
Download  1737705 Click to download

File Size   332.92 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 5/ 3-9,52-Z - PCB terminal block

1737705 Datasheet (HTML) - PHOENIX CONTACT


1737705 Product details

PCB terminal block, nominal current: 32 A, rated voltage (III/2): 1000 V, nominal cross section: 4
mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product range:
MKDS 5, pitch: 9.52 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Zigzag pinning M, Solder pin [P]: 5 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1737705

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173770 FESTO-173770 Datasheet
68Kb / 1P
Filter regulator
logo
Weidmuller
1737700000 WEIDMULLER-1737700000 Datasheet
742Kb / 22P
Cable glands
logo
PHOENIX CONTACT
1737709 PHOENIX-1737709 Datasheet
92Kb / 7P
Printed-circuit board connector - GMVSTBR 2,5/ 2-ST
1737709 PHOENIX-1737709 Datasheet
141Kb / 5P
GMSTBA 2,5/ 2-G
1737709 PHOENIX-1737709 Datasheet
140Kb / 5P
GMSTBVA 2,5/ 2-G
More results


Similar Description - 1737705

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1711631 PHOENIX-1711631 Datasheet
88Kb / 5P
PCB terminal block - MKDS 3/ 5
1757002 PHOENIX-1757002 Datasheet
53Kb / 4P
PCB terminal block - MKDS 5 HV/ 3-9,52-Z SZS
1907416 PHOENIX-1907416 Datasheet
67Kb / 5P
PCB terminal block - MKDSV 5 HV/ 2-9,52-Z
1907429 PHOENIX-1907429 Datasheet
87Kb / 5P
PCB terminal block - MKDS 5 HV/3-9.52-Z
1907432 PHOENIX-1907432 Datasheet
142Kb / 6P
MKDS 5 HV/ 2-9,52-Z
1933516 PHOENIX-1933516 Datasheet
57Kb / 5P
PCB terminal block - MKDS 5 HV/ 8-9,52
1992900 PHOENIX-1992900 Datasheet
76Kb / 5P
PCB terminal block - MKDS 5 HV/ 3-9,52 GY
1756993 PHOENIX-1756993 Datasheet
121Kb / 5P
PCB terminal block - MKDS 5 HV/ 2-9,52-Z SZS
11/04/2018
1906129 PHOENIX-1906129 Datasheet
384Kb / 11P
PCB terminal block - MKDS 5 HV/ 4-9,52
Sep 8, 2022
1905201 PHOENIX-1905201 Datasheet
432Kb / 13P
PCB terminal block - MKDS 3/ 5-5,08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com