Electronic Components Datasheet Search
  English  ▼

X  

1994157 Datasheet (PDF) - PHOENIX CONTACT

1994157 Datasheet PDF - PHOENIX CONTACT
Part # 1994157
Download  1994157 Download
File Size   447.18 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSN 2,5/11-5,08 - PCB terminal block

1994157 Datasheet (PDF)

Go To PDF Page Download Datasheet
1994157 Datasheet PDF - PHOENIX CONTACT

Part # 1994157
Download  1994157 Click to download

File Size   447.18 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSN 2,5/11-5,08 - PCB terminal block

1994157 Datasheet (HTML) - PHOENIX CONTACT


1994157 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 11, number of rows: 1, number of positions per row: 11, product
range: MKDSN 2,5, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: H1L Slotted Phillips recess, mounting: Wave soldering, conductor/PCB
connection direction: 0 °, color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number
of solder pins per potential: 1, type of packaging: packed in cardboard. The article can be aligned
to create different nos. of positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Extremely small design for the respective conductor cross section
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1994157

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1994128 PHOENIX-1994128 Datasheet
240Kb / 9P
ZFKDSA 1,5C-5,0-24 - PCB terminal block
1994131 PHOENIX-1994131 Datasheet
244Kb / 9P
ZFKDSA 1,5C-5,0-26 - PCB terminal block
More results


Similar Description - 1994157

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1800881 PHOENIX-1800881 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 2-5,08 BK
1800882 PHOENIX-1800882 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 3-5,08 BK
1800883 PHOENIX-1800883 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 4-5,08 BK
1891357 PHOENIX-1891357 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 3-5,08 (1,3)
1931644 PHOENIX-1931644 Datasheet
158Kb / 8P
PCB terminal block - MKDSN 2,5/ 5-5,08
1985959 PHOENIX-1985959 Datasheet
132Kb / 6P
PCB terminal block - MKDSN 2,5/ 3-5,08 HT BK
1989405 PHOENIX-1989405 Datasheet
61Kb / 4P
PCB terminal block - MKDSN 2,5/ 6-5,08
1991338 PHOENIX-1991338 Datasheet
59Kb / 4P
PCB terminal block - MKDSN 2,5/ 7-5,08
1991341 PHOENIX-1991341 Datasheet
59Kb / 4P
PCB terminal block - MKDSN 2,5/10-5,08
1829713 PHOENIX-1829713 Datasheet
455Kb / 12P
MKDSN 2,5/12-5,08 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com