Electronic Components Datasheet Search
  English  ▼

X  

1994131 Datasheet (PDF) - PHOENIX CONTACT

1994131 Datasheet PDF - PHOENIX CONTACT
Part # 1994131
Download  1994131 Download
File Size   244.5 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 1,5C-5,0-26 - PCB terminal block

1994131 Datasheet (PDF)

Go To PDF Page Download Datasheet
1994131 Datasheet PDF - PHOENIX CONTACT

Part # 1994131
Download  1994131 Click to download

File Size   244.5 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 1,5C-5,0-26 - PCB terminal block

1994131 Datasheet (HTML) - PHOENIX CONTACT


1994131 Product details

PCB terminal block, nominal current: 16 A, rated voltage (III/2): 400 V, nominal cross section: 1.5
mm2, number of potentials: 26, number of rows: 1, number of positions per row: 26, product
range: ZFKDS(A) 1,5C, pitch: 5 mm, connection method: Spring-cage connection, mounting:
Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Angled connection enables multi-row arrangement on the PCB
• Actuation shafts that are parallel and orthogonal to the conductor axis enable flexible PCB designs
• The latching on the side enables various numbers of positions to be combined
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1994131

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1994128 PHOENIX-1994128 Datasheet
240Kb / 9P
ZFKDSA 1,5C-5,0-24 - PCB terminal block
1994157 PHOENIX-1994157 Datasheet
447Kb / 12P
MKDSN 2,5/11-5,08 - PCB terminal block
More results


Similar Description - 1994131

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1729292 PHOENIX-1729292 Datasheet
47Kb / 3P
PCB terminal block - ZFKDSA 1,5C-5,0-12
1834384 PHOENIX-1834384 Datasheet
95Kb / 4P
PCB terminal block - ZFKDSA 1,5C-5,0- 7
1933972 PHOENIX-1933972 Datasheet
47Kb / 3P
PCB terminal block - ZFKDSA 1,5C-5,0- 4
1988451 PHOENIX-1988451 Datasheet
47Kb / 3P
PCB terminal block - ZFKDSA 1,5C-5,0- 5
1988477 PHOENIX-1988477 Datasheet
47Kb / 3P
PCB terminal block - ZFKDSA 1,5C-5,0- 8
1988574 PHOENIX-1988574 Datasheet
47Kb / 3P
PCB terminal block - ZFKDSA 1,5C-5,0-10
1933969 PHOENIX-1933969 Datasheet
80Kb / 5P
PCB terminal block - ZFKDSA 1,5C-5,0- 3
09/12/2020
1933985 PHOENIX-1933985 Datasheet
80Kb / 5P
PCB terminal block - ZFKDSA 1,5C-5,0- 6
09/12/2020
1933998 PHOENIX-1933998 Datasheet
210Kb / 7P
PCB terminal block - ZFKDSA 1,5C-5,0- 2
Jan 10, 2023
1989188 PHOENIX-1989188 Datasheet
250Kb / 9P
ZFKDSA 1,5C-5,0-15 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com