Electronic Components Datasheet Search
  English  ▼

X  

1704949 Datasheet (PDF) - PHOENIX CONTACT

1704949 Datasheet PDF - PHOENIX CONTACT
Part # 1704949
Download  1704949 Download
File Size   469.32 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 5/ 5-7,62 - PCB terminal block

1704949 Datasheet (PDF)

Go To PDF Page Download Datasheet
1704949 Datasheet PDF - PHOENIX CONTACT

Part # 1704949
Download  1704949 Click to download

File Size   469.32 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 5/ 5-7,62 - PCB terminal block

1704949 Datasheet (HTML) - PHOENIX CONTACT


1704949 Product details

PCB terminal block, nominal current: 32 A, rated voltage (III/2): 630 V, nominal cross section: 4
mm2, number of potentials: 5, number of rows: 1, number of positions per row: 5, product range:
MKDS 5, pitch: 7.62 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 5.1 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1704949

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170494 FESTO-170494 Datasheet
89Kb / 1P
Mini slide
12/7/22
More results


Similar Description - 1704949

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706756 PHOENIX-1706756 Datasheet
123Kb / 6P
PCB terminal block - MKDS 5/ 4-6,35
1710589 PHOENIX-1710589 Datasheet
113Kb / 6P
PCB terminal block - MKDS 5/ 4-7,62
1711631 PHOENIX-1711631 Datasheet
88Kb / 5P
PCB terminal block - MKDS 3/ 5
1715187 PHOENIX-1715187 Datasheet
60Kb / 5P
PCB terminal block - MKDS 1,5/ 5
1890947 PHOENIX-1890947 Datasheet
63Kb / 4P
PCB terminal block - MKDS 5/ 9-7,62 BEIGE SO1 BD:NZ
1933707 PHOENIX-1933707 Datasheet
63Kb / 4P
PCB terminal block - MKDS 5/ 7-7,62 BD:NZ
1713985 PHOENIX-1713985 Datasheet
129Kb / 9P
PCB terminal block - MKDS 5/ 5-6,35
09/11/2020
1713927 PHOENIX-1713927 Datasheet
301Kb / 10P
PCB terminal block - MKDS 5/ 8-6,35
Jan 10, 2023
1905201 PHOENIX-1905201 Datasheet
432Kb / 13P
PCB terminal block - MKDS 3/ 5-5,08
1713859 PHOENIX-1713859 Datasheet
330Kb / 10P
MKDS 5/11-9,5 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com