Electronic Components Datasheet Search
  English  ▼

X  

1792517 Datasheet (PDF) - PHOENIX CONTACT

1792517 Datasheet PDF - PHOENIX CONTACT
Part # 1792517
Download  1792517 Download
File Size   292.84 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKC 2,5/ 2-ST-5,08-LR - PCB connector

1792517 Datasheet (PDF)

Go To PDF Page Download Datasheet
1792517 Datasheet PDF - PHOENIX CONTACT

Part # 1792517
Download  1792517 Click to download

File Size   292.84 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKC 2,5/ 2-ST-5,08-LR - PCB connector

1792517 Datasheet (HTML) - PHOENIX CONTACT


1792517 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
2, number of rows: 1, number of positions: 2, number of connections: 2, product range: FKC 2,5/.
.-ST-LR, pitch: 5.08 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: Snap-in locking, mounting: Lock & Release ejector lever, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Quick and convenient testing using integrated test option
• Can be combined with the MSTB 2,5 range
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color




Similar Part No. - 1792517

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792511 PHOENIX-1792511 Datasheet
77Kb / 2P
FFKDSA1/H-2,54- 2
More results


Similar Description - 1792517

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792520 PHOENIX-1792520 Datasheet
121Kb / 7P
Printed-circuit board connector - FKC 2,5/ 3-ST-5,08-LR
1792546 PHOENIX-1792546 Datasheet
102Kb / 7P
Printed-circuit board connector - FKC 2,5/ 5-ST-5,08-LR
1792559 PHOENIX-1792559 Datasheet
102Kb / 7P
Printed-circuit board connector - FKC 2,5/ 6-ST-5,08-LR
1792601 PHOENIX-1792601 Datasheet
101Kb / 7P
Printed-circuit board connector - FKC 2,5/11-ST-5,08-LR
1792614 PHOENIX-1792614 Datasheet
102Kb / 7P
Printed-circuit board connector - FKC 2,5/12-ST-5,08-LR
1810926 PHOENIX-1810926 Datasheet
98Kb / 6P
Printed-circuit board connector - FKC 2,5/15-ST-5,08-LR
1861690 PHOENIX-1861690 Datasheet
483Kb / 14P
FKCOR 2,5/ 2-ST-5,08-LR - PCB connector
1925692 PHOENIX-1925692 Datasheet
715Kb / 17P
PCB connector - FKC 2,5/ 2-ST-5,08-RF
1925702 PHOENIX-1925702 Datasheet
744Kb / 18P
PCB connector - FKC 2,5/ 3-ST-5,08-RF
1925715 PHOENIX-1925715 Datasheet
732Kb / 18P
PCB connector - FKC 2,5/ 4-ST-5,08-RF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com