Electronic Components Datasheet Search
  English  ▼

X  

1861690 Datasheet (PDF) - PHOENIX CONTACT

1861690 Datasheet PDF - PHOENIX CONTACT
Part # 1861690
Download  1861690 Download
File Size   483.89 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCOR 2,5/ 2-ST-5,08-LR - PCB connector

1861690 Datasheet (PDF)

Go To PDF Page Download Datasheet
1861690 Datasheet PDF - PHOENIX CONTACT

Part # 1861690
Download  1861690 Click to download

File Size   483.89 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCOR 2,5/ 2-ST-5,08-LR - PCB connector

1861690 Datasheet (HTML) - PHOENIX CONTACT


1861690 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Socket, number of potentials: 2,
number of rows: 1, number of positions: 2, number of connections: 2, product range: FKCOR
2,5/..-ST-LR, pitch: 5.08 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: Snap-in locking, mounting: Lock & Release ejector lever, type of packaging: packed in
cardboard

Your advantages
• The conductor connection orthogonal to the direction of operation simplifies the cabling of DIN-rail-mountable devices
• Time saving push-in connection, tools not required
• Intuitive use through colour coded actuation lever
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1861690

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861691 PHOENIX-1861691 Datasheet
144Kb / 6P
MC 1,5/ 7-ST-3,81
1861691 PHOENIX-1861691 Datasheet
152Kb / 6P
MCVW 1,5/ 7-ST-3,81
1861691 PHOENIX-1861691 Datasheet
138Kb / 6P
MCVR 1,5/ 7-ST-3,81
More results


Similar Description - 1861690

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861234 PHOENIX-1861234 Datasheet
309Kb / 13P
FKCOR 2,5/ 2-ST-5,08
1861917 PHOENIX-1861917 Datasheet
136Kb / 6P
Printed-circuit board connector - FKCOR 2,5/24-ST-5,08-LR
1861700 PHOENIX-1861700 Datasheet
127Kb / 6P
Printed-circuit board connector - FKCOR 2,5/ 3-ST-5,08-LR
1861726 PHOENIX-1861726 Datasheet
126Kb / 6P
Printed-circuit board connector - FKCOR 2,5/ 5-ST-5,08-LR
1861894 PHOENIX-1861894 Datasheet
127Kb / 6P
Printed-circuit board connector - FKCOR 2,5/22-ST-5,08-LR
1861768 PHOENIX-1861768 Datasheet
319Kb / 9P
Printed-circuit board connector - FKCOR 2,5/ 9-ST-5,08-LR
02/04/2022
1861797 PHOENIX-1861797 Datasheet
319Kb / 9P
Printed-circuit board connector - FKCOR 2,5/12-ST-5,08-LR
02/04/2022
1861771 PHOENIX-1861771 Datasheet
481Kb / 14P
PCB connector - FKCOR 2,5/10-ST-5,08-LR
Jan 10, 2023
1861836 PHOENIX-1861836 Datasheet
472Kb / 14P
FKCOR 2,5/16-ST-5,08-LR - PCB connector
1861878 PHOENIX-1861878 Datasheet
458Kb / 14P
FKCOR 2,5/20-ST-5,08-LR - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com