Electronic Components Datasheet Search
  English  ▼

X  

1737864 Datasheet (PDF) - PHOENIX CONTACT

1737864 Datasheet PDF - PHOENIX CONTACT
Part # 1737864
Download  1737864 Download
File Size   337.46 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMVSTBW 2,5/ 7-ST - PCB connector

1737864 Datasheet (PDF)

Go To PDF Page Download Datasheet
1737864 Datasheet PDF - PHOENIX CONTACT

Part # 1737864
Download  1737864 Click to download

File Size   337.46 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMVSTBW 2,5/ 7-ST - PCB connector

1737864 Datasheet (HTML) - PHOENIX CONTACT


1737864 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 630 V, contact surface: Tin, contact connection type: Socket, number of potentials:
7, number of rows: 1, number of positions: 7, number of connections: 7, product range:
GMVSTBW 2,5/..-ST, pitch: 7.5 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: -90 °, locking clip: - Locking
clip, plug-in system: COMBICON MSTB 2,5, locking: without, mounting: without, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Larger pitch for increased voltage requirements
• Allows connection of two conductors




Similar Part No. - 1737864

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173786 FESTO-173786 Datasheet
69Kb / 1P
Filter regulator
logo
Weidmuller
1737860000 WEIDMULLER-1737860000 Datasheet
742Kb / 22P
Cable glands
More results


Similar Description - 1737864

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1737819 PHOENIX-1737819 Datasheet
95Kb / 7P
Printed-circuit board connector - GMVSTBW 2,5/ 2-ST
1737851 PHOENIX-1737851 Datasheet
146Kb / 5P
GMVSTBW 2,5/ 6-ST
1737880 PHOENIX-1737880 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/ 9-ST
1737903 PHOENIX-1737903 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/11-ST
1832468 PHOENIX-1832468 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/ 7-ST-7,62
1737835 PHOENIX-1737835 Datasheet
361Kb / 15P
GMVSTBW 2,5/ 4-ST - PCB connector
1909760 PHOENIX-1909760 Datasheet
1Mb / 24P
FKCVR 2,5/ 7-ST - PCB connector
1912786 PHOENIX-1912786 Datasheet
303Kb / 11P
MVSTBW 2,5 HC/ 7-ST - PCB connector
1828854 PHOENIX-1828854 Datasheet
886Kb / 17P
GIC 2,5/ 7-ST-7,62 - PCB connector
1910720 PHOENIX-1910720 Datasheet
552Kb / 13P
FKIC 2,5/ 7-ST - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com