Electronic Components Datasheet Search
  English  ▼

X  

QPP0100 Datasheet (PDF) - Qorvo, Inc

QPP0100 Datasheet PDF - Qorvo, Inc
Part # QPP0100
Download  QPP0100 Download
File Size   634.03 Kbytes
Page   8 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description X Band 100 W VPIN Limiter

QPP0100 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPP0100 Datasheet PDF - Qorvo, Inc

Part # QPP0100
Download  QPP0100 Click to download

File Size   634.03 Kbytes
Page   8 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description X Band 100 W VPIN Limiter

QPP0100 Datasheet (HTML) - Qorvo, Inc


QPP0100 Product details

Key Features
• Frequency Range: 6 to 12 GHz
• Insertion Loss: <1.2 dB
• Peak Power Handling: 100 W (pulsed)
• Flat Leakage: 21 dBm
• Spike Leakage: 22 dBm
• Passive (no DC bias required)
• Recovery time < 200 ns
• Package Dimensions: 4.00 x 4.00 x 0.85 mm




Similar Part No. - QPP0100

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPP0020 QORVO-QPP0020 Datasheet
323Kb / 6P
3.06:1 Transformer 45-12R18e MvHAz
Rev. A, July 2023
QPP0020SB QORVO-QPP0020SB Datasheet
323Kb / 6P
3.06:1 Transformer 45-12R18e MvHAz
Rev. A, July 2023
QPP0020SR QORVO-QPP0020SR Datasheet
323Kb / 6P
3.06:1 Transformer 45-12R18e MvHAz
Rev. A, July 2023
QPP0020TR13 QORVO-QPP0020TR13 Datasheet
323Kb / 6P
3.06:1 Transformer 45-12R18e MvHAz
Rev. A, July 2023
QPP0021 QORVO-QPP0021 Datasheet
308Kb / 6P
1:1 Balun T45e-1m21p8l aMtHez
Rev. A, July 2023
More results


Similar Description - QPP0100

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGL2203 TRIQUINT-TGL2203_15 Datasheet
328Kb / 6P
Ka-Band 1 W VPIN Limiter
TGL2205-SM TRIQUINT-TGL2205-SM_15 Datasheet
769Kb / 10P
2-6 GHz 100 Watt VPIN Limiter
TGL2206-SM TRIQUINT-TGL2206-SM_15 Datasheet
1Mb / 11P
2.0-5.5 GHz 100 Watt VPIN Limiter
TGL2207-SM TRIQUINT-TGL2207-SM_15 Datasheet
1Mb / 11P
2.0-6.5 GHz 100 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2206-SM QORVO-TGL2206-SM Datasheet
557Kb / 8P
2.0 ??5.5 GHz 100 Watt VPIN Limiter
TGL2206 QORVO-TGL2206 Datasheet
205Kb / 7P
S-Band 100 W VPIN Limiter
TGL2205-SM QORVO-TGL2205-SM Datasheet
729Kb / 9P
2 ??6 GHz 100 Watt VPIN Limiter
TGL2205 QORVO-TGL2205 Datasheet
255Kb / 6P
S and C-Band 100 W VPIN Limiter
TGL2210 QORVO-TGL2210 Datasheet
654Kb / 10P
0.05 ??6 GHz 100 Watt VPIN Limiter
QPP2209 QORVO-QPP2209 Datasheet
580Kb / 8P
8 ??12 GHz 40 W VPIN Limiter
January 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com