Electronic Components Datasheet Search
  English  ▼

X  

QPP0020 Datasheet (PDF) - Qorvo, Inc

QPP0020 Datasheet PDF - Qorvo, Inc
Part # QPP0020
Download  QPP0020 Download
File Size   323.26 Kbytes
Page   6 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 3.06:1 Transformer 45-12R18e MvHAz

QPP0020 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPP0020 Datasheet PDF - Qorvo, Inc

Part # QPP0020
Download  QPP0020 Click to download

File Size   323.26 Kbytes
Page   6 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 3.06:1 Transformer 45-12R18e MvHAz

QPP0020 Datasheet (HTML) - Qorvo, Inc


QPP0020 Product details

Key Features
• 45-1218 MHz
• Low insertion loss
• 75 Ω Characteristic Impedance
• Compatible with 260°C lead free soldering
• RoHS Compliant
• Industry Standard SMT Package SP6
• Available in Tape-and-Reel




Similar Part No. - QPP0020

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPP0021 QORVO-QPP0021 Datasheet
308Kb / 6P
1:1 Balun T45e-1m21p8l aMtHez
Rev. A, July 2023
QPP0021SB QORVO-QPP0021SB Datasheet
308Kb / 6P
1:1 Balun T45e-1m21p8l aMtHez
Rev. A, July 2023
QPP0021SR QORVO-QPP0021SR Datasheet
308Kb / 6P
1:1 Balun T45e-1m21p8l aMtHez
Rev. A, July 2023
QPP0021TR13 QORVO-QPP0021TR13 Datasheet
308Kb / 6P
1:1 Balun T45e-1m21p8l aMtHez
Rev. A, July 2023
More results


Similar Description - QPP0020

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-007327-CT1A40_V2 MA-COM-MABA-007327-CT1A40_V2 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABA-010112-CT1A40 MA-COM-MABA-010112-CT1A40 Datasheet
122Kb / 4P
Transformer, 1:1 Flux Coupled Transformer
DS-MABA-009572-CF18A0 MA-COM-DS-MABA-009572-CF18A0 Datasheet
158Kb / 3P
Transformer, 1:1 Flux Coupled Transformer
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABAES0032 MA-COM-MABAES0032_15 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0_15 Datasheet
126Kb / 4P
Transformer, 1:1 Flux Coupled Transformer
logo
Panasonic Semiconductor
MN34130 PANASONIC-MN34130 Datasheet
309Kb / 3P
1/ 3.06 13.4M pixel CMOS Image Sensor
logo
M/A-COM Technology Solu...
MABA-011013 MA-COM-MABA-011013 Datasheet
752Kb / 5P
Transformer, 1:1 Transmission Line with tertiary winding 45 - 1200 MHz
MABA-011014 MA-COM-MABA-011014 Datasheet
761Kb / 5P
Transformer, 1:1 Transmission Line 45 - 1200 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com