Electronic Components Datasheet Search
  English  ▼

X  

1861386 Datasheet (PDF) - PHOENIX CONTACT

1861386 Datasheet PDF - PHOENIX CONTACT
Part # 1861386
Download  1861386 Download
File Size   545.03 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCOR 2,5/17-ST-5,08 - PCB connector

1861386 Datasheet (PDF)

Go To PDF Page Download Datasheet
1861386 Datasheet PDF - PHOENIX CONTACT

Part # 1861386
Download  1861386 Click to download

File Size   545.03 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCOR 2,5/17-ST-5,08 - PCB connector

1861386 Datasheet (HTML) - PHOENIX CONTACT


1861386 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
17, number of rows: 1, number of positions: 17, number of connections: 17, product range:
FKCOR 2,5/..-ST, pitch: 5.08 mm, connection method: Push-in spring connection,
conductor/PCB connection direction: 90 °, locking clip: - Locking clip, plug-in system:
COMBICON MSTB 2,5, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• The conductor connection orthogonal to the direction of operation simplifies the cabling of DIN-rail-mountable devices
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Quick and convenient testing using integrated test option
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1861386

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18613 ATOM-18613 Datasheet
269Kb / 2P
AT9421
31st of January 2025 05:57:33
logo
PHOENIX CONTACT
1861302 PHOENIX-1861302 Datasheet
251Kb / 12P
FKCOR 2,5/ 9-ST-5,08
1861315 PHOENIX-1861315 Datasheet
251Kb / 12P
FKCOR 2,5/10-ST-5,08
1861328 PHOENIX-1861328 Datasheet
251Kb / 12P
FKCOR 2,5/11-ST-5,08
1861331 PHOENIX-1861331 Datasheet
251Kb / 12P
FKCOR 2,5/12-ST-5,08
More results


Similar Description - 1861386

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861331 PHOENIX-1861331 Datasheet
251Kb / 12P
FKCOR 2,5/12-ST-5,08
1861344 PHOENIX-1861344 Datasheet
251Kb / 12P
FKCOR 2,5/13-ST-5,08
1861360 PHOENIX-1861360 Datasheet
251Kb / 12P
FKCOR 2,5/15-ST-5,08
1861409 PHOENIX-1861409 Datasheet
251Kb / 12P
FKCOR 2,5/19-ST-5,08
1861412 PHOENIX-1861412 Datasheet
251Kb / 12P
FKCOR 2,5/20-ST-5,08
1861454 PHOENIX-1861454 Datasheet
251Kb / 12P
FKCOR 2,5/24-ST-5,08
1861771 PHOENIX-1861771 Datasheet
481Kb / 14P
PCB connector - FKCOR 2,5/10-ST-5,08-LR
Jan 10, 2023
1861690 PHOENIX-1861690 Datasheet
483Kb / 14P
FKCOR 2,5/ 2-ST-5,08-LR - PCB connector
1861836 PHOENIX-1861836 Datasheet
472Kb / 14P
FKCOR 2,5/16-ST-5,08-LR - PCB connector
1861878 PHOENIX-1861878 Datasheet
458Kb / 14P
FKCOR 2,5/20-ST-5,08-LR - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com