Electronic Components Datasheet Search
  English  ▼

X  

1442683 Datasheet (PDF) - PHOENIX CONTACT

1442683 Datasheet PDF - PHOENIX CONTACT
Part # 1442683
Download  1442683 Download
File Size   554.96 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P- 3,0-PUR/M12FR P - Sensor/actuator cable

1442683 Datasheet (PDF)

Go To PDF Page Download Datasheet
1442683 Datasheet PDF - PHOENIX CONTACT

Part # 1442683
Download  1442683 Click to download

File Size   554.96 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P- 3,0-PUR/M12FR P - Sensor/actuator cable

1442683 Datasheet (HTML) - PHOENIX CONTACT


1442683 Product details

Sensor/actuator cable, 3-position halogen-free, free cable end, on Socket angled M12, coding:
A, cable length: 3 m, with plastic knurl

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save weight – our connectors with light plastic knurl




Similar Part No. - 1442683

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1442609 PHOENIX-1442609 Datasheet
583Kb / 18P
SAC-4P-M12MR/ 3,0-PUR P - Sensor/actuator cable
logo
ATGBICS by Approved Tec...
1442610G1C-C ATGBICS-1442610G1C-C Datasheet
324Kb / 9P
1442610G1C AdTran Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
PHOENIX CONTACT
1442612 PHOENIX-1442612 Datasheet
582Kb / 18P
SAC-4P-M12MR/ 5,0-PUR P - Sensor/actuator cable
1442625 PHOENIX-1442625 Datasheet
582Kb / 18P
SAC-4P-M12MR/10,0-PUR P - Sensor/actuator cable
1442638 PHOENIX-1442638 Datasheet
581Kb / 18P
SAC-5P-M12MR/ 1,5-PUR P - Sensor/actuator cable
More results


Similar Description - 1442683

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1439544 PHOENIX-1439544 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/A
1681017 PHOENIX-1681017 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-10,0-PUR/M12FR B
1442696 PHOENIX-1442696 Datasheet
133Kb / 10P
Sensor/actuator cable - SAC-3P- 5,0-PUR/M12FR P
09/11/2020
1442764 PHOENIX-1442764 Datasheet
138Kb / 11P
Sensor/actuator cable - SAC-5P- 3,0-PUR/M12FR P
09/11/2020
1501058 PHOENIX-1501058 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 3,0-PUR/M12FR SH
09/11/2020
1668195 PHOENIX-1668195 Datasheet
139Kb / 11P
Sensor/actuator cable - SAC-3P- 1,5-PUR/M12FR B
09/11/2020
1668218 PHOENIX-1668218 Datasheet
139Kb / 11P
Sensor/actuator cable - SAC-3P- 5,0-PUR/M12FR B
09/11/2020
1693403 PHOENIX-1693403 Datasheet
157Kb / 12P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M12FR-2L
09/11/2020
1694402 PHOENIX-1694402 Datasheet
137Kb / 11P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR-2L
09/11/2020
1694512 PHOENIX-1694512 Datasheet
135Kb / 10P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com