Electronic Components Datasheet Search
  English  ▼

X  

1442625 Datasheet (PDF) - PHOENIX CONTACT

1442625 Datasheet PDF - PHOENIX CONTACT
Part # 1442625
Download  1442625 Download
File Size   582.77 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MR/10,0-PUR P - Sensor/actuator cable

1442625 Datasheet (PDF)

Go To PDF Page Download Datasheet
1442625 Datasheet PDF - PHOENIX CONTACT

Part # 1442625
Download  1442625 Click to download

File Size   582.77 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MR/10,0-PUR P - Sensor/actuator cable

1442625 Datasheet (HTML) - PHOENIX CONTACT


1442625 Product details

Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, Plug angled M12,
coding: A, on free cable end, cable length: 10 m, with plastic knurl

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save weight – our connectors with light plastic knurl




Similar Part No. - 1442625

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1442609 PHOENIX-1442609 Datasheet
583Kb / 18P
SAC-4P-M12MR/ 3,0-PUR P - Sensor/actuator cable
logo
ATGBICS by Approved Tec...
1442610G1C-C ATGBICS-1442610G1C-C Datasheet
324Kb / 9P
1442610G1C AdTran Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
PHOENIX CONTACT
1442612 PHOENIX-1442612 Datasheet
582Kb / 18P
SAC-4P-M12MR/ 5,0-PUR P - Sensor/actuator cable
1442638 PHOENIX-1442638 Datasheet
581Kb / 18P
SAC-5P-M12MR/ 1,5-PUR P - Sensor/actuator cable
1442641 PHOENIX-1442641 Datasheet
579Kb / 18P
SAC-5P-M12MR/ 3,0-PUR P - Sensor/actuator cable
More results


Similar Description - 1442625

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1442340 PHOENIX-1442340 Datasheet
127Kb / 10P
Sensor/actuator cable - SAC-3P-M12MS/10,0-PUR P
09/11/2020
1442502 PHOENIX-1442502 Datasheet
144Kb / 11P
Sensor/actuator cable - SAC-4P-10,0-PUR/M12FS P
09/11/2020
1456925 PHOENIX-1456925 Datasheet
119Kb / 9P
Sensor/actuator cable - SAC-3P-M12MR/10,0-800
09/11/2020
1457144 PHOENIX-1457144 Datasheet
123Kb / 10P
Sensor/actuator cable - SAC-4P-M12MR/ 5,0-800
09/11/2020
1522545 PHOENIX-1522545 Datasheet
161Kb / 12P
Sensor/actuator cable - SAC-8P-M12MR/ 1,5-PUR
09/11/2020
1572605 PHOENIX-1572605 Datasheet
92Kb / 4P
Sensor/actuator cable - SAC-4P-10,0-PUR/M 8FR VA
12/06/2018
1671577 PHOENIX-1671577 Datasheet
178Kb / 13P
Sensor/actuator cable - SAC-4P-M12MR/1,5-PUR/M 8FR
09/11/2020
1696442 PHOENIX-1696442 Datasheet
85Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/10,0-PUR/M12FR
12/07/2018
1476841 PHOENIX-1476841 Datasheet
313Kb / 7P
SAC-4P-10,0-PUR/P12FS SH - Sensor/actuator cable
1476851 PHOENIX-1476851 Datasheet
318Kb / 7P
SAC-4P-P12MS/10,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com