Electronic Components Datasheet Search
  English  ▼

X  

2185353607 Datasheet (PDF) - Molex Electronics Ltd.

2185353607 Datasheet PDF - Molex Electronics Ltd.
Part # 2185353607
Download  2185353607 Download
File Size   126.14 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description GLASS NTC PROBE A -10K±1%,B3892,L100

2185353607 Datasheet (PDF)

Go To PDF Page Download Datasheet
2185353607 Datasheet PDF - Molex Electronics Ltd.

Part # 2185353607
Download  2185353607 Click to download

File Size   126.14 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description GLASS NTC PROBE A -10K±1%,B3892,L100

2185353607 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2185353607

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2185353609 MOLEX-2185353609 Datasheet
126Kb / 2P
GLASS NTC PROBE A -10K±1%,B3892,L300
2022/12/23
2185353609 MOLEX-2185353609 Datasheet
33Kb / 1P
Temperature Sensor Cable Assemblies
10/24/2022
2185353609-000 MOLEX-2185353609-000 Datasheet
33Kb / 1P
Temperature Sensor Cable Assemblies
10/24/2022
2185353609 MOLEX-2185353609_V01 Datasheet
33Kb / 1P
Temperature Sensor Cable Assemblies
10/24/2022
More results


Similar Description - 2185353607

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2185353617 MOLEX-2185353617 Datasheet
143Kb / 2P
GLASS NTC MOUNTING -10K±1%,B3892,L100
Rev. B4
2185353619 MOLEX-2185353619 Datasheet
143Kb / 2P
GLASS NTC MOUNTING -10K±1%,B3892,L300
Rev. B4
2185353907 MOLEX-2185353907 Datasheet
126Kb / 2P
GLASS NTC PROBE A -50K±1%,B3892,L100
Rev. A3
2185353917 MOLEX-2185353917 Datasheet
143Kb / 2P
GLASS NTC MOUNTING -50K±1%,B3892,L100
Rev. B4
2185343607 MOLEX-2185343607 Datasheet
125Kb / 2P
GLASS NTC PROBE A -10K±1%,B3600,L100
2022/12/23
2185353609 MOLEX-2185353609 Datasheet
126Kb / 2P
GLASS NTC PROBE A -10K±1%,B3892,L300
2022/12/23
2185353909 MOLEX-2185353909 Datasheet
126Kb / 2P
GLASS NTC PROBE A -50K±1%,B3892,L300
2022/12/23
2185363607 MOLEX-2185363607 Datasheet
126Kb / 2P
GLASS NTC PROBE A -10K±1%,B3964,L100
2022/12/23
2185373607 MOLEX-2185373607 Datasheet
125Kb / 2P
GLASS NTC PROBE A -10K±1%,B4035,L100
2022/12/23
2185373907 MOLEX-2185373907 Datasheet
125Kb / 2P
GLASS NTC PROBE A -50K±1%,B4035,L100
2022/12/23
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com