Electronic Components Datasheet Search
  English  ▼

X  

2185353609 Datasheet (PDF) - Molex Electronics Ltd.

2185353609 Datasheet PDF - Molex Electronics Ltd.
Part # 2185353609
Download  2185353609 Download
File Size   33.94 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Temperature Sensor Cable Assemblies

2185353609 Datasheet (PDF)

Go To PDF Page Download Datasheet
2185353609 Datasheet PDF - Molex Electronics Ltd.

Part # 2185353609
Download  2185353609 Click to download

File Size   33.94 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Temperature Sensor Cable Assemblies

2185353609 Datasheet (HTML) - Molex Electronics Ltd.


2185353609 Product details

Description: NTC Probe Thermistor-to-Pigtail Cable Assembly, 300.00mm, 3892 Beta Value with 1% Tolerance, 10kOhm Resistance at 25°C with 1% Tolerance




Similar Part No. - 2185353609

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2185353609 MOLEX-2185353609 Datasheet
126Kb / 2P
GLASS NTC PROBE A -10K±1%,B3892,L300
2022/12/23
More results


Similar Description - 2185353609

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
Cable Assemblies
logo
Pasternack Enterprises,...
PE3VNA1802 PASTERNACK-PE3VNA1802 Datasheet
443Kb / 5P
RF Cable Assemblies
logo
Pulse A Technitrol Comp...
NMOKHFCX PULSE-NMOKHFCX Datasheet
1Mb / 4P
CABLE ASSEMBLIES/MOUNTS
logo
BELIMO AIRCONTROLS (USA...
01CT-5AH BELIMO-01CT-5AH Datasheet
345Kb / 4P
Cable Temperature Sensor
22CT-52H BELIMO-22CT-52H Datasheet
425Kb / 5P
Cable Temperature Sensor
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
Cable Assemblies
Rev 22FEB22
MCX SAMTEC-MCX Datasheet
220Kb / 1P
Cable Assemblies
MMCX SAMTEC-MMCX Datasheet
156Kb / 1P
Cable Assemblies
Rev 01MAY21
logo
E+E Elektronik Ges.m.b....
EE461 EPLUSE-EE461 Datasheet
827Kb / 7P
Temperature Cable Sensor
03-2023
EE462 EPLUSE-EE462 Datasheet
2Mb / 7P
High-Temperature Cable Sensor
03-2023
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com