Electronic Components Datasheet Search
  English  ▼

X  

TLV365DBVR Datasheet (PDF) - Texas Instruments

TLV365DBVR Datasheet PDF - Texas Instruments
Part # TLV365DBVR
Download  TLV365DBVR Download
File Size   2056.68 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers

TLV365DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV365DBVR Datasheet PDF - Texas Instruments

Part # TLV365DBVR
Download  TLV365DBVR Click to download

File Size   2056.68 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers

TLV365DBVR Datasheet (HTML) - Texas Instruments


TLV365DBVR Product details

1 Features
• Gain bandwidth: 50 MHz
• Zerø-crossover distortion topology:
– CMRR: 115 dB (typical)
– Rail-to-rail input and output
• Input 100 mV beyond supply rail
• Noise: 4.5 nV/√Hz
• Slew rate: 27 V/μs
• Fast settling: 0.2 μs to 0.01%
• Precision:
– Offset drift: 2 μV/°C (maximum)
– Input bias current: 20 pA (maximum)
• Operating voltage: 2.2-V to 5.5-V

2 Applications
• Signal conditioning
• Data acquisition
• Active filters
• Test equipment
• Audio
• Wideband amplifiers
• Rack server

3 Description
The TLV365 and TLV2365 devices (TLVx365) are
a family of zerø-crossover, rail-to-rail input and
output, CMOS operational amplifiers, optimized for
low voltage and cost-sensitive applications. Low-noise
(4.5 nV/√Hz) and high-speed operation (50-MHz gain
bandwidth) make these devices an excellent choice
for driving sampling analog-to-digital converters
(ADCs) in applications such as low-side current
sensing, audio, signal conditioning, and sensor
amplification.
Special features include an excellent common-mode
rejection ratio (CMRR), no input stage crossover
distortion, high input impedance, and rail-to-rail input
and output swing. The input common-mode range
includes both the negative and positive supplies. The
output voltage swings to within 10 mV of the rails.
The TLVx365 are specified for operation from −40°C
to +125°C.




Similar Part No. - TLV365DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV365DBVR TI-TLV365DBVR Datasheet
1Mb / 26P
TLVx365 50-MHz, Zerø-Crossover, High CMRR, RRIO, Operational Amplifier
DECEMBER 2022
TLV365DBVR TI1-TLV365DBVR Datasheet
2Mb / 34P
TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers
REVISED JUNE 2023
TLV365DBVR TI-TLV365DBVR Datasheet
2Mb / 35P
TLVx365 50MHz, Zero-Crossover, High-CMRR, RRIO Operational Amplifiers
AUGUST 2024
More results


Similar Description - TLV365DBVR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
1.8V, RRIO Operational Amplifiers
logo
Analog Devices
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
REV. E
logo
Texas Instruments
LMH6618 TI1-LMH6618 Datasheet
2Mb / 38P
130 MHz, 1.25 mA RRIO Operational Amplifiers
logo
Analog Devices
OP196 AD-OP196_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP296 AD-OP296_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
logo
Texas Instruments
TLV9062-Q1 TI1-TLV9062-Q1 Datasheet
1Mb / 30P
Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
TLV365 TI-TLV365 Datasheet
1Mb / 26P
TLVx365 50-MHz, Zerø-Crossover, High CMRR, RRIO, Operational Amplifier
DECEMBER 2022
TLV365 TI1-TLV365_V01 Datasheet
2Mb / 34P
TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com